Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IBRHPR Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 4 Page - Texas Instruments

  ADS8370IBRHPR Datasheet HTML 1Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 2Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 3Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 4Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 5Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 6Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 7Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 8Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
ADS8370
SLAS450 – JUNE 2005
SPECIFICATIONS (continued)
At –40°C to 85°C, +VA = +5 V, +VBD = +5 V or +VBD = +2.7 V, using internal or external reference, f
SAMPLE = 600 kHz,
unless otherwise noted. (All performance parameters are valid only after device has properly resumed from power down, see
Table 2.)
ADS8370IB
ADS8370I
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC CHARACTERISTICS
VIN = 4 Vp-p at 1 kHz
–112
–111
Total harmonic
THD
VIN = 4 Vp-p at 10 kHz
–111
–111
dB
distortion(7)(8)
VIN = 4 Vp-p at 100 kHz
–92
–92
VIN = 4 Vp-p at 1 kHz
89.5
89.5
SNR
Signal-to-noise ratio(7)
VIN = 4 Vp-p at 10 kHz
89.5
89
dB
VIN = 4 Vp-p at 100 kHz
89.5
88.5
VIN = 4 Vp-p at 1 kHz
89.5
89.5
Signal-to-noise
SINAD
VIN = 4 Vp-p at 10 kHz
89.5
89
dB
+ distortion(7)(8)
VIN = 4 Vp-p at 100 kHz
87.5
87
VIN = 4 Vp-p at 1 kHz
119
119
Spurious free dynamic
SFDR
VIN = 4 Vp-p at 10 kHz
117
117
dB
range(7)
VIN = 4 Vp-p at 100 kHz
92
92
–3dB Small signal bandwidth
75
75
MHz
REFERENCE INPUT
Vref
Reference voltage input range
2.5
4.096
4.2
2.5
4.096
4.2
V
Resistance(9)
10
10
M
Ω
INTERNAL REFERENCE OUTPUT
Vref
Reference voltage range
IOUT = 0 A, TA = 30°C
4.088
4.096
4.104
4.088
4.096
4.104
V
Source current
Static load
10
10
µA
Line regulation
+VA = 4.75 V to 5.25 V
2.5
2.5
mV
Drift
IOUT = 0 A
25
25
ppm/°C
DIGITAL INPUT/OUTPUT
Logic family CMOS
VIH
High level input voltage
+VBD – 1
+VBD + 0.3
+VBD – 1
+VBD + 0.3
V
VIL
Low level input voltage
–0.3
0.8
–0.3
0.8
V
VOH
High level output voltage
IOH = 2 TTL loads
+VBD –0.6
+VBD –0.6
V
VOL
Low level output voltage
IOL = 2 TTL loads
0.4
0.4
V
Data format: MSB first, 2's complement or straight binary (selectable via the SB/2C pin)
POWER SUPPLY REQUIREMENTS
+VA
4.75
5
5.25
4.75
5
5.25
V
Power supply
voltage
+VBD
2.7
3.3
5.25
2.7
3.3
5.25
V
Supply current, 600-kHz
ICC
+VA = 5 V
22
25
22
25
mA
sample rate(10)
POWER DOWN
ICC(PD)
Supply current, power down
2
2
µA
NAP MODE
ICC(NAP) Supply current, nap mode
3
3
mA
Power-up time from nap
300
300
ns
TEMPERATURE RANGE
Specified performance
–40
85
–40
85
°C
(7)
Measured using analog input circuit in Figure 51 and digital stimulus in Figure 56 and Figure 57 and reference voltage of 4.096 V.
(8)
Calculated on the first nine harmonics of the input frequency.
(9)
Can vary +/-30%.
(10) This includes only +VA current. With +VBD = 5 V, +VBD current is typically 1 mA with a 10-pF load capacitance on the digital output
pins.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com