Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IBRHPR Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8370IBRHPR Datasheet HTML 2Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 3Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 4Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 5Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 6Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 7Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 8Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
TIMING CHARACTERISTICS
(1) (2) (3) (4)
ADS8370
SLAS450 – JUNE 2005
ADS8370I/ADS8370IB
REF
PARAMETER
UNIT
FIGURE
MIN
TYP
MAX
CONVERSION AND SAMPLING
td1
Delay time, conversion start command to conversion start (aperture delay)
10
ns
41,43
td2
Delay time, conversion end to BUSY fall
5
ns
41 – 43
td4
Delay time, conversion start command to BUSY rise
20
ns
41
td3
Delay time, CONVST rise to sample start
5
ns
43
td5
Delay time, CS fall to sample start
10
ns
43
td6
Delay time, conversion abort command to BUSY fall
10
ns
44
DATA READ OPERATION
td12 Delay time, CS fall to MSB valid
3
15
ns
45
td15 Delay time, FS rise to MSB valid
6
18
ns
46,47
td7
Delay time, BUSY fall to MSB valid (if FS is high when BUSY falls)
18
ns
47
td13 Delay time, SCLK rise to bit valid
2
10
ns
45– 47
td14 Delay time, CS rise to SDO 3-state
6
ns
45
MISCELLANEOUS
td10 Delay time, PD rise to SDO 3-state
55
ns
53,54
Nap mode
300
ns
55
Delay time, total
Full power down (external reference used with or without
td11 + 2x
54
td18 device resume
1-µF||0.1-µF capacitor on REFOUT)
conversions
time
Full power down (internal reference used with or without
25(4)
ms
53
1-µF||0.1-µF capacitor on REFOUT)
td11 Delay time, untrimmed circuit full power-down resume time
1
ms
53,54
Delay time, device
Nap
200
ns
55
td16 power-down time
Full power down (internal/external reference used)
10
µs
53,54
Delay time, trimmed internal reference settling (either by turning on supply or
td17
4
ms
53
resuming from full power-down mode), with 1-µF||0.1-µF capacitor on REFOUT
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
All specifications typical at –40°C to 85°C, +VA = +4.75 V to +5.25 V, +VBD = +2.7 V to +5.25 V.
(3)
All digital output signals loaded with 10-pF capacitors.
(4)
Including td11, two conversions (time to cycle CONVST twice), and td17.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com