Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IBRHPR Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8370IBRHPR Datasheet HTML 3Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 4Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 5Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 6Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 7Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 8Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 10Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
PIN ASSIGNMENTS
ADS8370
AGND
+VBD
BDGND
+VA
REFM
5
6
7
4
1
2
3
17
16
15
18
21
20
19
SB/2C
AGND
AGND
+VA
AGND
AGND
AGND
+VA
+VA
ADS8370
SLAS450 – JUNE 2005
TOP VIEW
Note:
The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
TERMINAL FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
2, 4, 5, 15, 18, 19
–
Analog ground pins. AGND must be shorted to analog ground plane below the device.
BDGND
21
–
Digital ground for all digital inputs and outputs. BDGND must be shorted to the analog ground plane
below the device.
BUSY
22
O
Status output. This pin is high when conversion is in progress.
CONVST
25
I
Convert start. This signal is qualified with CS internally.
CS
26
I
Chip select
FS
27
I
Frame sync. This signal is qualified with CS internally.
+IN
11
I
Noninverting analog input channel
–IN
12
I
Inverting analog input channel
NC
10, 13
–
No connection
PD
28
I
Power down. Device resets and powers down when this signal is high.
REFIN
8
I
Reference (positive) input. REFIN must be decoupled with REFM pin using 0.1-
µF bypass capacitor
and 1-
µF storage capacitor.
REFM
7
I
Reference ground. To be connected to analog ground plane.
REFOUT
9
O
Internal reference output. Shorted to REFIN pin only when internal reference is used.
SB/2C
1
I
Straight binary or 2's complement output data format. When low the device output is straight binary
format; when high the device output is 2's complement format. See Table 1.
SCLK
24
I
Serial clock. Data is shifted onto SDO with the rising edge of this clock. This signal is qualified with CS
internally.
SDO
23
O
Serial data out. All bits except MSB are shifted out at the rising edge of SCLK.
+VA
3, 6, 14, 16, 17
–
Analog power supplies
+VBD
20
–
Digital power supply for all digital inputs and outputs.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com