Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IBRHPR Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 5 Page - Texas Instruments

  ADS8370IBRHPR Datasheet HTML 1Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 2Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 3Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 4Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 5Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 6Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 7Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 8Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ti.com
TIMING REQUIREMENTS
(1) (2) (3) (4) (5) (6)
ADS8370
SLAS450 – JUNE 2005
ADS8370I/ADS8370IB
REF
PARAMETER
UNIT
FIGURE
MIN
TYP
MAX
tconv
Conversion time
1000
1160
ns
41 – 44
tacq1
Acquisition time in normal mode
0.5
µs
41,42,44
tacq2
Acquisition time in nap mode (tacq2 = tacq1 + td18)
0.8
µs
43
CONVERSION AND SAMPLING
Quite sampling time (last toggle of interface signals to convert start
40 – 43,
tquiet1
30
ns
command)(6)
45 – 47
Quite sampling time (convert start command to first toggle of interface
40 – 43,
tquiet2
10
ns
signals)(6)
45 – 47
Quite conversion time (last toggle of interface signals to fall of BUSY)(6)
40 – 43,
tquiet3
600
ns
45,47
tsu1
Setup time, CONVST before BUSY fall
15
ns
41
tsu2
Setup time, CS before BUSY fall (only for conversion/sampling control)
20
ns
40,41
tsu4
Setup time, CONVST before CS rise (so CONVST can be recognized)
5
ns
41,43,44
th1
Hold time, CS after BUSY fall (only for conversion/sampling control)
0
ns
41
th3
Hold time, CONVST after CS rise
7
ns
43
th4
Hold time, CONVST after CS fall (to ensure width of CONVST_QUAL)(4)
20
ns
42
tw1
CONVST pulse duration
20
ns
43
tw2
CS pulse duration
10
ns
41,42
Pulse duration, time between conversion start command and conversion
tw5
1000
ns
44
abort command to successfully abort the ongoing conversion
DATA READ OPERATION
tcyc
SCLK period
25
ns
45 – 47
SCLK duty cycle
40%
60%
tsu5
Setup time, CS fall before first SCLK fall
10
ns
45
tsu6
Setup time, CS fall before FS rise
7
ns
46,47
tsu7
Setup time, FS fall before first SCLK fall
7
ns
46,47
th5
Hold time, CS fall after SCLK fall
3
ns
45
th6
Hold time, FS fall after SCLK fall
7
ns
46,47
tsu2
Setup time, CS fall before BUSY fall (only for read control)
20
ns
40,45
tsu3
Setup time, FS fall before BUSY fall (only for read control)
20
ns
40,47
th2
Hold time, CS fall after BUSY fall (only for read control)
15
ns
40,45
th8
Hold time, FS fall after BUSY fall (only for read control)
15
ns
40,47
tw2
CS pulse duration
10
ns
45
tw3
FS pulse duration
10
ns
46,47
MISCELLANEOUS
tw4
PD pulse duration for reset and power down
60
ns
53,54
All unspecified pulse durations
10
ns
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
All specifications typical at –40°C to 85°C, +VA = +4.75 V to +5.25 V, +VBD = +2.7 V to +5.25 V.
(3)
All digital output signals loaded with 10-pF capacitors.
(4)
CONVST_QUAL is CONVST latched by a low value on CS (see Figure 39).
(5)
Reference figure indicated is only a representative of where the timing is applicable and is not exhaustive.
(6)
Quiet time zones are for meeting performance and not functionality.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com