Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IBRHPR Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 3 Page - Texas Instruments

  ADS8370IBRHPR Datasheet HTML 1Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 2Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 3Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 4Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 5Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 6Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 7Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 8Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
SPECIFICATIONS
ADS8370
SLAS450 – JUNE 2005
At –40°C to 85°C, +VA = +5 V, +VBD = +5 V or +VBD = +2.7 V, using internal or external reference, f
SAMPLE = 600 kHz,
unless otherwise noted. (All performance parameters are valid only after device has properly resumed from power down, see
Table 2.)
ADS8370IB
ADS8370I
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG INPUT
Full-scale
+IN – (–IN)
0
Vref
0
Vref
V
input voltage(1)
+IN
–0.2
Vref + 0.2
–0.2
Vref + 0.2
Absolute input voltage
V
–IN
–0.2
0.2
–0.2
0.2
Sampling capacitance
(measured from ±IN to
40
40
pF
AGND)
Input leakage current
1
1
nA
SYSTEM PERFORMANCE
Resolution
16
16
Bits
No missing codes
16
16
Bits
Quiet zones observed
–1.25
±0.5
1.25
–2
2
LSB
INL
Integral linearity(2)(3)(4)
(16 bit)
Quiet zones not observed
±0.8
Quiet zones observed
–0.75
±0.4
0.75
–1
1.5
LSB
DNL
Differential linearity(3)
(16 bit)
Quiet zones not observed
±0.75
EO
Offset error (3)
–0.75
±0.4
0.75
–1.5
1.5
mV
Offset temperature drift(3)
±0.4
±0.4
ppm/°C
EG
Gain error(3)(5)
–0.075
0.075
–0.15
0.15
%FS
Gain temperature drift(3)(5)
±1.25
±1.25
ppm/°C
At DC
80
80
[+IN – (–IN)] = Vref/2 with
CMRR
Common-mode rejection ratio
dB
50 mVp-p common mode
55
55
signal at 1 MHz
Noise
At 0 V analog input
40
40
µV RMS
DC Power supply rejection
PSRR
At full scale analog input
55
55
dB
ratio
SAMPLING DYNAMICS
Conversion time
1.0
1.16
1.0
1.16
µs
Acquisition time
0.50
0.50
µs
Throughput rate
600
600
kHz
Aperture delay
10
10
ns
Aperture jitter
12
12
ps RMS
Step response
(6)
400
400
ns
Overvoltage recovery
400
400
ns
(1)
Ideal input span; does not include gain or offset error.
(2)
LSB means least significant bit.
(3)
Measured using analog input circuit in Figure 51 and digital stimulus in Figure 56 and Figure 57 and reference voltage of 4.096 V.
(4)
This is endpoint INL, not best fit.
(5)
Measured using external reference source so does not include internal reference voltage error or drift.
(6)
Defined as sampling time necessary to settle an initial error of Vref on the sampling capacitor to a final error of 1 LSB at 16-bit level.
Measured using the input circuit in Figure 51.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com