Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IBRHPR Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS8370IBRHPR Datasheet HTML 1Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 2Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 3Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 4Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 5Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 6Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 7Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 8Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
CDAC
_
+
Output
Latches
and
3-State
Drivers
FS
SAR
Conversion
and
Control Logic
Comparator
Clock
+IN
−IN
REFIN
CONVST
BUSY
CS
PD
4.096-V
Internal
Reference
REFOUT
SCLK
SDO
SB/2C
ADS8370
SLAS450 – JUNE 2005
16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING
ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
•
Pin compatible With 18-Bit ADS8380
•
600-kHz Sample Rate
•
±0.5 LSB Typ, ±1.25 LSB Max INL
•
Medical Instruments
•
±0.4 LSB Typ, ±0.75 LSB Max DNL
•
Optical Networking
•
16-Bit NMC
•
Transducer Interface
•
SINAD 89.5 dB, SFDR 119 dB at fi = 1 kHz
•
High Accuracy Data Acquisition Systems
•
High-Speed Serial Interface up to 40 MHz
•
Magnetometers
•
Onboard Reference Buffer
•
Onboard 4.096-V Reference
•
Pseudo-Differential Input, 0 V to 4.2 V
The ADS8370 is a high performance 16-bit, 600-kHz
•
Onboard Conversion Clock
A/D converter with single-ended (pseudo-differential)
•
Selectable Output Format, 2's Complement or
input. The device includes an 16-bit capacitor-based
Straight Binary
SAR A/D converter with inherent sample and hold.
The ADS8370 offers a high-speed CMOS serial
•
Zero Latency
interface with clock speeds up to 40 MHz.
•
Wide Digital Supply
•
Low Power:
The ADS8370 is available in a 28 lead 6 × 6 QFN
package and is characterized over the industrial
– 110 mW at 600 kHz
–40°C to 85°C temperature range.
– 15 mW During Nap Mode
– 10
µW During Power Down
•
28-Pin 6 x 6 QFN Package
High Speed SAR Converter Family
Type/Speed
500 kHz
~ 600 kHz
750 kHZ
1 MHz
1.25 MHz
2 MHz
3 MHz
4 MHz
ADS8383
ADS8381
18-Bit Pseudo-Diff
ADS8380 (S)
18-Bit Pseudo-Bipolar, Fully Diff
ADS8382 (S)
16-Bit Pseudo-Diff
ADS8370 (S)
ADS8371
ADS8401/05
ADS8411
16-Bit Pseudo-Bipolar, Fully Diff
ADS8372 (S)
ADS8402/06
ADS8412
14-Bit Pseudo-Diff
ADS7890 (S)
ADS7891
12-Bit Pseudo-Diff
ADS7886
ADS7881
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8370IBRHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8370IBRHPR TI1-ADS8370IBRHPR Datasheet
1Mb / 35P
16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8370IBRHPRG4 TI1-ADS8370IBRHPRG4 Datasheet
1Mb / 35P
16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results

Similar Description - ADS8370IBRHPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8380 BURR-BROWN-ADS8380 Datasheet
1Mb / 29P
18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8370 BURR-BROWN-ADS8370 Datasheet
782Kb / 29P
16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8372 BURR-BROWN-ADS8372_13 Datasheet
1Mb / 36P
16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8370 TI1-ADS8370 Datasheet
1Mb / 35P
16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8372 TI1-ADS8372 Datasheet
1Mb / 36P
16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380 TI1-ADS8380 Datasheet
1Mb / 35P
18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com