Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IBRHPR Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS8370IBRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8370IBRHPR Datasheet HTML 5Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 6Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 7Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 8Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 9Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 10Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 11Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 12Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
87
87.5
88
88.5
89
89.5
90
−40 −25 −10
5
20
35
50
65
80
TA − Free-Air-Temperature − 5C
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V,
fi = 1 kHz,
87
87.5
88
88.5
89
89.5
90
−40 −25 −10
5
20
35
50
65
80
TA − Free-Air-Temperature − 5C
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V,
fi = 1 kHz,
−112
−110
−108
−106
−104
−102
−100
−40 −25 −10
5
20
35
50
65
80
TA − Free-Air-Temperature − 5C
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V,
fi = 1 kHz,
TA − Free-Air-Temperature − 5C
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V,
fi = 1 kHz,
111
112
113
114
115
116
117
118
119
120
−40 −25 −10
5
20
35
50
65
80
88.4
88.6
88.8
89
89.2
89.4
89.6
1
10
100
fi − Input Frequency − kHz
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V,
TA = 25°C
fi − Input Frequency − kHz
14.4
14.45
14.5
14.55
14.6
1
10
100
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V,
TA = 25°C
ADS8370
SLAS450 – JUNE 2005
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE
SIGNAL-TO-NOISE RATIO
AND DISTORTION
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 9.
Figure 10.
SIGNAL-TO-NOISE
EFFECTIVE NUMBER OF BITS
AND DISTORTION
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 11.
Figure 12.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com