Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 28 Page - Texas Instruments

Part # AFE5805
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFE5805 Datasheet HTML 24Page - Texas Instruments AFE5805 Datasheet HTML 25Page - Texas Instruments AFE5805 Datasheet HTML 26Page - Texas Instruments AFE5805 Datasheet HTML 27Page - Texas Instruments AFE5805 Datasheet HTML 28Page - Texas Instruments AFE5805 Datasheet HTML 29Page - Texas Instruments AFE5805 Datasheet HTML 30Page - Texas Instruments AFE5805 Datasheet HTML 31Page - Texas Instruments AFE5805 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Channel1
Input
V/I
Converter
VCA_SDATA
CW0
CW1
CW2
CW3
CW4
CW5
CW6
CW7
CW8
CW9
AVDD_5V
VCA_SCLK
Decode
Logic
(ToOtherChannels)
AFE5805
SBOS421D – MARCH 2008 – REVISED MARCH 2010
www.ti.com
Table 12. CW Switch Matrix Control for Each Channel
DBn:4 (MSB)
DBn:3
DBn:2
DBn:1 (LSB)
LNA INPUT CHANNEL n DIRECTED TO
0
0
0
0
Output CW0
0
0
0
1
Output CW1
0
0
1
0
Output CW2
0
0
1
1
Output CW3
0
1
0
0
Output CW4
0
1
0
1
Output CW5
0
1
1
0
Output CW6
0
1
1
1
Output CW7
1
0
0
0
Output CW8
1
0
0
1
Output CW9
1
0
1
0
Connected to AVDD_5V
1
0
1
1
Connected to AVDD_5V
1
1
0
0
Connected to AVDD_5V
1
1
0
1
Connected to AVDD_5V
1
1
1
0
Connected to AVDD_5V
1
1
1
1
Connected to AVDD_5V
Figure 42. Basic CW Cross-Point Switch Matrix Configuration
28
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com