Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE5805
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE5805 Datasheet HTML 9Page - Texas Instruments AFE5805 Datasheet HTML 10Page - Texas Instruments AFE5805 Datasheet HTML 11Page - Texas Instruments AFE5805 Datasheet HTML 12Page - Texas Instruments AFE5805 Datasheet HTML 13Page - Texas Instruments AFE5805 Datasheet HTML 14Page - Texas Instruments AFE5805 Datasheet HTML 15Page - Texas Instruments AFE5805 Datasheet HTML 16Page - Texas Instruments AFE5805 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
AFE5805
www.ti.com
SBOS421D – MARCH 2008 – REVISED MARCH 2010
LVDS OUTPUT TIMING CHARACTERISTICS
(1) (2)
Typical values are at +25°C, minimum and maximum values over specified temperature range of TMIN = 0°C to TMAX = +70°C, sampling
frequency = as specified, CLOAD = 5pF
(3), I
OUT = 3.5mA, RLOAD = 100Ω
(4), and no internal termination, unless otherwise noted.
AFE5805
40MSPS
50MSPS
PARAMETER
TEST CONDITIONS
(5)
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tSU
Data setup time
(6)
Data valid
(7) to zero-crossing of LCLKP
0.67
0.47
ns
Zero-crossing of LCLKP to data becoming
tH
Data hold time
(6)
0.85
0.65
ns
invalid
(7)
ADC input clock rising edge cross-over to
tPROP
Clock propagation delay
10
14
16.6
10
12.5
14.1
ns
output clock (FCLKP) rising edge cross-over
Duty cycle of differential clock,
LVDS bit clock duty cycle
45.5
50
53
45
50
53.5
(LCLKP – LCLKM)
Bit clock cycle-to-cycle jitter
250
250
ps, pp
Frame clock cycle-to-cycle jitter
150
150
ps, pp
Rise time is from –100mV to +100mV
tRISE, tFALL
Data rise time, data fall time
0.09
0.2
0.4
0.09
0.2
0.4
ns
Fall time is from +100mV to –100mV
tCLKRISE,
Output clock rise time, output
Rise time is from –100mV to +100mV
0.09
0.2
0.4
0.09
0.2
0.4
ns
tCLKFALL
clock fall time
Fall time is from +100mV to –100mV
(1)
All characteristics are at the maximum rated speed for each speed grade.
(2)
Timing parameters are ensured by design and characterization; not production tested.
(3)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(4)
IOUT refers to the LVDS buffer current setting; RLOAD is the differential load resistance between the LVDS output pair.
(5)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(6)
Setup and hold time specifications take into account the effect of jitter on the output data and clock. These specifications also assume
that data and clock paths are perfectly matched within the receiver. Any mismatch in these paths within the receiver would appear as
reduced timing margin.
(7)
Data valid refers to a logic high of +100mV and a logic low of –100mV.
LVDS OUTPUT TIMING CHARACTERISTICS
(1) (2)
Typical values are at +25°C, minimum and maximum values over specified temperature range of TMIN = 0°C to TMAX = +70°C, sampling
frequency = as specified, CLOAD = 5pF
(3), I
OUT = 3.5mA, RLOAD = 100Ω
(4), and no internal termination, unless otherwise noted.
AFE5805
30MSPS
20MSPS
10MSPS
PARAMETER
TEST CONDITIONS
(5)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Data valid
(7) to zero-crossing of
tSU
Data setup time
(6)
0.8
1.5
3.7
ns
LCLKP
Zero-crossing of LCLKP to data
tH
Data hold time
(6)
1.2
1.9
3.9
ns
becoming invalid
(7)
ADC input clock rising edge
tPROP
Clock propagation delay
cross-over to output clock (FCLKP)
9.5
13.5
17.3
9.5
14.5
17.3
10
14.7
17.1
ns
rising edge cross-over
Duty cycle of differential clock,
LVDS bit clock duty cycle
46.5
50
52
48
50
51
49
50
51
(LCLKP – LCLKM)
Bit clock cycle-to-cycle
250
250
750
ps, pp
jitter
Frame clock cycle-to-cycle
150
150
500
ps, pp
jitter
tRISE,
Data rise time, data fall
Rise time is from –100mV to +100mV
0.09
0.2
0.4
0.09
0.2
0.4
0.09
0.2
0.4
ns
tFALL
time
Fall time is from +100mV to –100mV
tCLKRISE,
Output clock rise time,
Rise time is from –100mV to +100mV
0.09
0.2
0.4
0.09
0.2
0.4
0.09
0.2
0.4
ns
tCLKFALL
output clock fall time
Fall time is from +100mV to –100mV
(1)
All characteristics are at the speeds other than the maximum rated speed for each speed grade.
(2)
Timing parameters are ensured by design and characterization; not production tested.
(3)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(4)
IOUT refers to the LVDS buffer current setting; RLOAD is the differential load resistance between the LVDS output pair.
(5)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(6)
Setup and hold time specifications take into account the effect of jitter on the output data and clock. These specifications also assume
that data and clock paths are perfectly matched within the receiver. Any mismatch in these paths within the receiver would appear as
reduced timing margin.
(7)
Data valid refers to a logic high of +100mV and a logic low of –100mV.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com