Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE5805
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805 Datasheet(HTML) 4 Page - Texas Instruments

  AFE5805 Datasheet HTML 1Page - Texas Instruments AFE5805 Datasheet HTML 2Page - Texas Instruments AFE5805 Datasheet HTML 3Page - Texas Instruments AFE5805 Datasheet HTML 4Page - Texas Instruments AFE5805 Datasheet HTML 5Page - Texas Instruments AFE5805 Datasheet HTML 6Page - Texas Instruments AFE5805 Datasheet HTML 7Page - Texas Instruments AFE5805 Datasheet HTML 8Page - Texas Instruments AFE5805 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
AFE5805
SBOS421D – MARCH 2008 – REVISED MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = AVDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled (1.0mF),
VCNTL = 1.0V, fIN = 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer
setting = 3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
AFE5805
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE (continued)
Second-harmonic distortion
HD2
fIN = 2MHz; –1dBFS, PGA = 30dB
–70
dBFS
fIN = 5MHz; –1dBFS, PGA = 30dB
–54
–65
dBFS
fIN = 5MHz; –6dBFS, PGA = 20dB
–61
–69
dBFS
Third-harmonic distortion
HD3
fIN = 2MHz; –1dBFS, PGA = 30dB
–58
dBFS
fIN = 5MHz; –1dBFS, PGA = 30dB
–51
–59
dBFS
fIN = 5MHz; –6dBFS, PGA = 20dB
–56
–78
dBFS
f1 = 4.99MHz at –6dBFS,
Intermodulation distortion
IMD3
58.5
dBc
f2 = 5.01MHz at –32dBFS
Crosstalk
fIN = 5MHz, –1dBFS, PGA = 30dB
–67
dBc
CW—SIGNAL CHANNELS
Input voltage noise (CW)
en
RS = 0Ω, f = 1MHz
1.1
nV/
√Hz
Output noise correlation factor
Summing of eight channels
0.6
dB
Output transconductance
At VIN = 100mVPP
14
15.6
18
mA/V
(IOUT/VIN)
Dynamic CW output current,
IOUTAC
2.9
mAPP
maximum
Static CW output current (sink)
IOUTDC
0.9
mA
Output common-mode
VCM
2.5
V
voltage(4)
Output impedance
50
k
Ω
Output capacitance
10
pF
INTERNAL REFERENCE VOLTAGES (ADC)
Reference top
VREFT
0.5
V
Reference bottom
VREFB
2.5
V
VREFT – VREFB
1.95
2
2.05
V
Common-mode voltage
VCM
1.425
1.5
1.575
V
(internal)
VCM output current
±2
mA
EXTERNAL REFERENCE VOLTAGES (ADC)
Reference top
VREFT
2.4
2.5
2.6
V
Reference bottom
VREFB
0.4
0.5
0.6
V
VREFT – VREFB
1.9
2.1
V
Switching current(5)
2.5
mA
(4)
CW outputs require an externally applied bias voltage of +2.5V.
(5)
Current drawn by the eight ADC channels from the external reference voltages; sourcing for VREFT, sinking for VREFB.
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com