Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 34 Page - Texas Instruments

Part # AFE5805
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AFE5805 Datasheet HTML 30Page - Texas Instruments AFE5805 Datasheet HTML 31Page - Texas Instruments AFE5805 Datasheet HTML 32Page - Texas Instruments AFE5805 Datasheet HTML 33Page - Texas Instruments AFE5805 Datasheet HTML 34Page - Texas Instruments AFE5805 Datasheet HTML 35Page - Texas Instruments AFE5805 Datasheet HTML 36Page - Texas Instruments AFE5805 Datasheet HTML 37Page - Texas Instruments AFE5805 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
FCLKP
LCLKP
OUTP
PHASE_DDR<1:0>= '00'
PHASE_DDR<1:0>= '01'
PHASE_DDR<1:0>= '10'
PHASE_DDR<1:0>= '11'
FCLKP
LCLKP
OUTP
FCLKP
LCLKP
OUTP
FCLKP
LCLKP
OUTP
FCLKP
LCLKP
OUTP
AFE5805
SBOS421D – MARCH 2008 – REVISED MARCH 2010
www.ti.com
BIT CLOCK PROGRAMMABILITY
The output interface of the AFE5805 is normally a DDR interface, with the LCLK rising edge and falling edge
transitions in the middle of alternate data windows. Figure 43 shows this default phase.
Figure 43. LCLK Default Phase
The phase of LCLK can be programmed relative to the output frame clock and data using bits
PHASE_DDR<1:0>. Figure 44 shows the LCLK phase modes.
Figure 44. LCLK Phase Programmability Modes
34
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com