Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE5805
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805 Datasheet(HTML) 5 Page - Texas Instruments

  AFE5805 Datasheet HTML 1Page - Texas Instruments AFE5805 Datasheet HTML 2Page - Texas Instruments AFE5805 Datasheet HTML 3Page - Texas Instruments AFE5805 Datasheet HTML 4Page - Texas Instruments AFE5805 Datasheet HTML 5Page - Texas Instruments AFE5805 Datasheet HTML 6Page - Texas Instruments AFE5805 Datasheet HTML 7Page - Texas Instruments AFE5805 Datasheet HTML 8Page - Texas Instruments AFE5805 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
AFE5805
www.ti.com
SBOS421D – MARCH 2008 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = AVDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled (1.0mF),
VCNTL = 1.0V, fIN = 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer
setting = 3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
AFE5805
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Supply Voltages
AVDD1, AVDD2, DVDD
Operating
3.15
3.3
3.47
V
AVDD_5V
Operating
4.75
5
5.25
V
LVDD
1.7
1.8
1.9
V
Supply Currents
IAVDD1 (ADC)
at 40MSPS
99
110
mA
IAVDD2 (VCA)
TGC mode
146
156
mA
CW mode
79
85
mA
IAVDD_5V (VCA)
TGC mode
8
10
mA
CW mode
55
61
mA
IDVDD (VCA)
1.5
3.0
mA
ILVDD (ADC)
At 40MSPS
70
80
mA
Power dissipation, total
All channels, TGC mode, no signal
980
1080
mW
All channels, CW mode , no signal(6)
580
620
mW
TGC mode, no clock applied, no signal
615
mW
POWER-DOWN MODES
Power-down dissipation, total
Complete power-down mode
64
85
mW
Power-down response time(7)
1.0
ms
Power-up response time(7)
PD to valid output (90% level)
50
ms
Power-down dissipation(7)
Partial power-down mode
233
mW
THERMAL CHARACTERISTICS
Temperature range
0
+70
°C
Thermal resistance
TJA
32
°C/W
TJC
4.2
°C/W
(6)
The ADC section is powered down during CW mode operation.
(7)
With VCA_PD and ADC_PD pins = high. The ADC_PD pin is configured for partial power-down (see the Power-Down Modes section).
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com