Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE5805
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/√Hz, 12-Bit, 50MSPS, 122mW/Channel
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5805 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE5805 Datasheet HTML 2Page - Texas Instruments AFE5805 Datasheet HTML 3Page - Texas Instruments AFE5805 Datasheet HTML 4Page - Texas Instruments AFE5805 Datasheet HTML 5Page - Texas Instruments AFE5805 Datasheet HTML 6Page - Texas Instruments AFE5805 Datasheet HTML 7Page - Texas Instruments AFE5805 Datasheet HTML 8Page - Texas Instruments AFE5805 Datasheet HTML 9Page - Texas Instruments AFE5805 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
AFE5805
SBOS421D – MARCH 2008 – REVISED MARCH 2010
www.ti.com
DIGITAL CHARACTERISTICS
DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic level
'0' or '1'. At CLOAD = 5pF
(1), I
OUT = 3.5mA
(2), R
LOAD = 100Ω
(2), and no internal termination, unless otherwise noted.
AFE5805
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
High-level input voltage
1.4
3.3
V
Low-level input voltage
0
0.3
V
High-level input current
10
mA
Low-level input current(3)
–10
mA
Input capacitance
3
pF
LVDS OUTPUTS
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage, |VOD|
350
mV
VOS output offset voltage
(2)
Common-mode voltage of OUTP and OUTM
1200
mV
Output capacitance inside the device,
Output capacitance
2
pF
from either output to ground
FCLKP and FCLKM
10
1x (clock rate)
50
MHz
LCLKP and LCLKM
60
6x (clock rate)
300
MHz
CLOCK
Clock input rate
10
50
MSPS
Clock duty cycle
50
%
Clock input amplitude, differential
Sine-wave, ac-coupled
3
VPP
(VCLKP – VCLKM)
LVPECL, ac-coupled
1.6
VPP
LVDS, ac-coupled
0.7
VPP
Clock input amplitude, single-ended
(VCLKP)
High-level input voltage, VIH
CMOS
2.2
V
Low-level input voltage, VIL
CMOS
0.6
V
(1)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(2)
IOUT refers to the LVDS buffer current setting; RLOAD is the differential load resistance between the LVDS output pair.
(3)
Except pin J3 (INT/EXT), which has an internal pull-up resistor (52k
Ω) to 3.3V.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com