Electronic Components Datasheet Search
  English  ▼

X  

ZL40262 Datasheet(PDF) 18 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 18 Page - Microchip Technology

Back Button ZL40262 Datasheet HTML 14Page - Microchip Technology ZL40262 Datasheet HTML 15Page - Microchip Technology ZL40262 Datasheet HTML 16Page - Microchip Technology ZL40262 Datasheet HTML 17Page - Microchip Technology ZL40262 Datasheet HTML 18Page - Microchip Technology ZL40262 Datasheet HTML 19Page - Microchip Technology ZL40262 Datasheet HTML 20Page - Microchip Technology ZL40262 Datasheet HTML 21Page - Microchip Technology ZL40262 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ZL40262
DS20006843A-page 18
2024 Microchip Technology Inc. and its subsidiaries.
Output frequency
FMAX
0
—
400
MHz
—
Output-to-output skew
tOOSK
—
—
50
ps
—
Device-to-device output skew
tDOOSK
—
—
129
ps
—
Input-to-output delay
tIOD
0.75
0.84
1
ns
—
Output enable time
tEN
—
—
3
cycles
—
Output disable time
tDIS
—
—
2
cycles
—
Note 1: Values are over recommended operating conditions.
2: Measurement taken from single ended waveform.
3: Measurement taken from differential waveform.
4: Measured from -150 mV to +150 mV on the differential waveform (derived from CK minus CK#) The signal
must be monotonic through the measurement region for rise and fall time. The 300 mV measurement win-
dow is centered on the differential zero crossing. See Figure 3-4.
5: Measured at crossing point where the instantaneous voltage value of the rising edge of CK equals the fall-
ing edge of CK#. See Figure 3-1.
6: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is
crossing. Refers to all crossing points for this measurement. See Figure 3-1.
7: This requirement—from PCI Express Base Specification, Revision 4.0—is applicable only to clock gener-
ators and not to buffers. A clock buffer is a transparent device whose output clock period follows the input
clock period.
8: Defined as the maximum instantaneous voltage including overshoot. See Figure 3-1.
9: Defined as the minimum instantaneous voltage including undershoot. See Figure 3-1.
10: Defined as the total variation of all crossing voltages of Rising CK and Falling CK# This is the maximum
allowed variance in VCROSS for any particular system. See Figure 3-2.
11: The PPM requirement—from PCIe Express Base Specification, Revision 4.0—is related to clock genera-
tion devices. This requirement is not applicable to buffers because buffer’s output frequency accuracy is
identical to the frequency accuracy of the source driving the buffer.
12: The tSTABLE is the time the differential clock must maintain a minimum ±150 mV differential voltage after
20 rising/falling edges before it is allowed to droop back into the VRB ±100 mV differential range. See Fig-
ure 3-5.
13: Matching applies to rising edge rate for CKx and falling edge rate for CK#x. It is measured using a ±75 mV
window centered on the median cros point where CKx rising meets CK#x falling. The median cross point
is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations. The
Rise Edge Rate of CKx should be compared to the Fall Edge Rate of CK#x the maximum allowed differ-
ence should not exceed 20% of the slowest edge rate. See Figure 3-3.
14: Clock DC impedance tolerance depends only on the tolerance of external 50Ω shunt resistors used in
HCSL. The test used resistors with +/-1% tolerance.
TABLE 3-7:
HCSL OUTPUTS FOR VDDO = 3.3V (CONTINUED)
Note 1
Parameter
Symbol
Min
Typ.
Max
Units
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com