Electronic Components Datasheet Search
  English  ▼

X  

ZL40262 Datasheet(PDF) 19 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 19 Page - Microchip Technology

Back Button ZL40262 Datasheet HTML 15Page - Microchip Technology ZL40262 Datasheet HTML 16Page - Microchip Technology ZL40262 Datasheet HTML 17Page - Microchip Technology ZL40262 Datasheet HTML 18Page - Microchip Technology ZL40262 Datasheet HTML 19Page - Microchip Technology ZL40262 Datasheet HTML 20Page - Microchip Technology ZL40262 Datasheet HTML 21Page - Microchip Technology ZL40262 Datasheet HTML 22Page - Microchip Technology ZL40262 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
2024 Microchip Technology Inc. and its subsidiaries.
DS20006843A-page 19
ZL40262
TABLE 3-8:
HCSL (PCIE) JITTER PERFORMANCE FOR VDDO = 3.3V
Note 1
Parameter
Symbol
Min
Typ.
Max
Units
Condition
Additive Jitter as per PCIe 1.0
(1.5 MHz to 22 MHz)
TPCIe_1.0
—
1.2
1.45
ps pk-pk Input clock: 100 MHz
Additive Jitter as per PCIe 2.0 high
band (1.5 MHz to 50 MHz)
TPCIe_2.0_high
—
134
163
fs RMS Input clock: 100 MHz
Additive Jitter as per PCIe 2.0 low
band (10 kHz to 1.5 MHz)
TPCIe_2.0_low
—
31
48
fs RMS Input clock: 100 MHz
Additive Jitter as per PCIe 2.0 mid
band (5 MHz to 16 MHz)
TPCIe_2.0_mid
—
105
130
fs RMS Input clock: 100 MHz
Additive Jitter as per PCIe 3.0
(PLL_BW = 2 MHz to 5 MHz, CDR
= 10 MHz)
TPCIe_3.0
—
33
41
fs RMS Input clock: 100 MHz
Additive Jitter as per PCIe 4.0
(PLL_BW = 2 MHz to 5 MHz, CDR
= 10 MHz)
TPCIe_4.0
—
33
41
fs RMS Input clock: 100 MHz
Additive Jitter as per PCIe 5.0
(PLL_BW = 0.5 MHz to 1.8 MHz,
CDR for 32 GT/s CC)
TPCIe_5.0
—
13
16
fs RMS Input clock: 100 MHz
Additive Jitter as per Intel QPI
9.6 Gbps
TPCIe
—
61
75
fs RMS Input clock: 100 MHz
Additive RMS Jitter in 1 MHz to
20 MHz Band
Tj_1M_20M
—
87
106
fs RMS Input clock: 100 MHz
—
56
68
fs RMS Input clock: 133 MHz
—
26
34
fs RMS Input clock: 400 MHz
Additive RMS Jitter in 12 kHz to
20 MHz Band
Tj_12k_20M
—
91
112
fs RMS Input clock: 100 MHz
—
60
75
fs RMS Input clock: 133 MHz
—
32
48
fs RMS Input clock: 400 MHz
Noise Floor
NF
—
–161
–159
dBc/Hz Input clock: 100 MHz
—
–162
–161
dBc/Hz Input clock: 133 MHz
—
–160
–157
dBc/Hz Input clock: 400 MHz
Note 1: Values are over recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com