Electronic Components Datasheet Search
  English  ▼

X  

ZL40262 Datasheet(PDF) 23 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 23 Page - Microchip Technology

Back Button ZL40262 Datasheet HTML 19Page - Microchip Technology ZL40262 Datasheet HTML 20Page - Microchip Technology ZL40262 Datasheet HTML 21Page - Microchip Technology ZL40262 Datasheet HTML 22Page - Microchip Technology ZL40262 Datasheet HTML 23Page - Microchip Technology ZL40262 Datasheet HTML 24Page - Microchip Technology ZL40262 Datasheet HTML 25Page - Microchip Technology ZL40262 Datasheet HTML 26Page - Microchip Technology ZL40262 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
2024 Microchip Technology Inc. and its subsidiaries.
DS20006843A-page 23
ZL40262
FIGURE 3-2:
Single-Ended Measurement Points for Delta Cross Point.
FIGURE 3-3:
Single-Ended Measurement Points for Rise and Fall Time Matching.
FIGURE 3-4:
Differential Measurement Points for Rise and Fall Time.
OUTx_n
OUTx_p
Vcross_delta = 250mV
OUTx_n
OUTx_p
Vcross_median
Vcross_median + 75mV
Vcross_median – 75mV
Vcross_median
tfall
trise
Rise/fall match = MIN[|trise – tfall|/trise,|trise – tfall|/tfall]*100%
slew_rise = 0.3V/trise_edge_rate [V/ns]
slew_fall = 0.3V/tfall_edge_rate [V/ns]
OUTx_p -OUTx_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com