Electronic Components Datasheet Search
  English  ▼

X  

ZL40262 Datasheet(PDF) 10 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 10 Page - Microchip Technology

Back Button ZL40262 Datasheet HTML 6Page - Microchip Technology ZL40262 Datasheet HTML 7Page - Microchip Technology ZL40262 Datasheet HTML 8Page - Microchip Technology ZL40262 Datasheet HTML 9Page - Microchip Technology ZL40262 Datasheet HTML 10Page - Microchip Technology ZL40262 Datasheet HTML 11Page - Microchip Technology ZL40262 Datasheet HTML 12Page - Microchip Technology ZL40262 Datasheet HTML 13Page - Microchip Technology ZL40262 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ZL40262
DS20006843A-page 10
2024 Microchip Technology Inc. and its subsidiaries.
FIGURE 2-2:
Input driven by receiver terminated HCSL.
FIGURE 2-3:
Input driven by AC-coupled LVPECL output.
FIGURE 2-4:
Input driven by AC-coupled LVDS.
MSCC Device
100
Z0 = 50
Z0 = 50
LVDS
R1
R1
R2
R2
10 nF
10 nF
VDD
VDD
VDD
VDD
R1
R2
20 k
20 k
1.89 k
2.61 k
VDD
3.3V
2.5V
P
N
R1
R2
20 k
20 k
VDD
3.3V
2.5V
P-Side
N-Side
2.75 k
3.80 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com