Electronic Components Datasheet Search
  English  ▼

X  

ZL40262 Datasheet(PDF) 11 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ZL40262 Datasheet HTML 7Page - Microchip Technology ZL40262 Datasheet HTML 8Page - Microchip Technology ZL40262 Datasheet HTML 9Page - Microchip Technology ZL40262 Datasheet HTML 10Page - Microchip Technology ZL40262 Datasheet HTML 11Page - Microchip Technology ZL40262 Datasheet HTML 12Page - Microchip Technology ZL40262 Datasheet HTML 13Page - Microchip Technology ZL40262 Datasheet HTML 14Page - Microchip Technology ZL40262 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
2024 Microchip Technology Inc. and its subsidiaries.
DS20006843A-page 11
ZL40262
FIGURE 2-5:
Input driven by a single-ended output.
2.2
Clock Outputs
Differential HCSL outputs should be terminated as shown in Figure 2-6 or Figure 2-7.
FIGURE 2-6:
Source-terminated HCSL.
FIGURE 2-7:
Receiver-terminated HCSL.
R1
R2
Z0 = 50
MSCC Device
Vdd
Rs
Vdd
0.1 μF
Ro
Ro + Rs = Z0
Vdd
R3
R4
R1/R2 = R3/R4
Rs = 270
fo r standard LVCMOS output
Vdd
0.1 μF
Op onal AC coup ling
capacitor
R1
R2
442
332
56
59
VDD
3.3V
2.5V
R3
R4
10 k
10 k
1.10 k
1.52 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com