Electronic Components Datasheet Search
  English  ▼

X  

ZL40262 Datasheet(PDF) 5 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 5 Page - Microchip Technology

  ZL40262 Datasheet HTML 1Page - Microchip Technology ZL40262 Datasheet HTML 2Page - Microchip Technology ZL40262 Datasheet HTML 3Page - Microchip Technology ZL40262 Datasheet HTML 4Page - Microchip Technology ZL40262 Datasheet HTML 5Page - Microchip Technology ZL40262 Datasheet HTML 6Page - Microchip Technology ZL40262 Datasheet HTML 7Page - Microchip Technology ZL40262 Datasheet HTML 8Page - Microchip Technology ZL40262 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
2024 Microchip Technology Inc. and its subsidiaries.
DS20006843A-page 5
List of Tables
TABLE 1-1: “Pin Description”......................................................................................................... 7
TABLE 3-1: “Absolute Maximum Ratings” .................................................................................. 15
TABLE 3-2: “Recommended Operating Ratings” ....................................................................... 15
TABLE 3-3: “Current Consumption” ............................................................................................ 15
TABLE 3-4: “Input Characteristics”.............................................................................................. 16
TABLE 3-5: “Power Supply Rejection Ratio for VDD = VDDO = 3.3V”...................................... 16
TABLE 3-6: “Power Supply Rejection Ratio for VDD = VDDO = 2.5V”...................................... 17
TABLE 3-7: “HCSL Outputs for VDDO = 3.3V” ............................................................................ 17
TABLE 3-8: “HCSL (PCIe) Jitter Performance for VDDO = 3.3V”............................................... 19
TABLE 3-9: “HCSL Outputs for VDDO = 2.5V” ............................................................................ 20
TABLE 3-10: “HCSL (PCIe) Jitter Performance for VDDO = 2.5V”............................................. 22
TABLE 3-11: “4 mm × 4 mm VQFN Package Thermal Properties” ............................................ 25
TABLE 3-12: “HCSL Output Phase Noise with 25 MHz XTAL” .................................................. 26
TABLE A-1: “Revision History” .................................................................................................... 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com