Electronic Components Datasheet Search
  English  ▼

X  

ZL40262 Datasheet(PDF) 16 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 16 Page - Microchip Technology

Back Button ZL40262 Datasheet HTML 12Page - Microchip Technology ZL40262 Datasheet HTML 13Page - Microchip Technology ZL40262 Datasheet HTML 14Page - Microchip Technology ZL40262 Datasheet HTML 15Page - Microchip Technology ZL40262 Datasheet HTML 16Page - Microchip Technology ZL40262 Datasheet HTML 17Page - Microchip Technology ZL40262 Datasheet HTML 18Page - Microchip Technology ZL40262 Datasheet HTML 19Page - Microchip Technology ZL40262 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ZL40262
DS20006843A-page 16
2024 Microchip Technology Inc. and its subsidiaries.
—
TABLE 3-4:
INPUT CHARACTERISTICS
Note 1, Note 2, Note 3
Parameter
Symbol
Min
Typ.
Max
Units Condition
CMOS high-level input voltage for control
inputs
VCIH_3.3V
0.7 ×
VDD
—
—
V
VDD = 3.3V
VCIH_2.5V
0.8 ×
VDD
—
—
V
VDD = 3.3V
CMOS low-level input voltage for control inputs
VCIL
—
—
0.32 ×
VDD
V
—
CMOS input leakage current for control inputs
(includes current due to pull down resistors)
IIL
–25
—
50
µA
VI = VDD or 0V
Differential input common mode voltage for
IN_p/n
VCM
0.1
—
0.8
V
—
Differential input voltage for IN_p/n
VID
0.2
—
VDD +
0.3
V
—
Differential input leakage current for IN_p/n
(includes current due to pull-up and pull-down
resistors)
IIL
–150
—
150
µA
VI = 2V or 0V
Single ended input voltage for IN_p
VSI
–0.3
—
2.7
V
VDD = 3.3V or 2.5V
Single ended input common mode voltage
IN_p
VSIC
0.1
—
0.8
V
VDD = 3.3V or 2.5V
Single ended input voltage swing for IN_p
VSID
0.3
—
1.3
V
VDD = 3.3V or 2.5V
Input frequency (differential)
fIN
0
—
400
MHz —
Input duty cycle
dc
35
—
65
%
—
Input slew rate
slew
0.6
2
—
V/ns —
Input pull-up/pull-down resistance
RPU/RPD
—
60
—
kΩ
—
Input pull-down resistance for IN_p
RPD
—
30
—
kΩ
—
Control input (OE_b) pull-down resistance
RPDOE
—
300
—
kΩ
—
Note 1: Values are over recommended operating conditions.
2: Values are over all two power supply modes (VDD = 3.3V and VDD = 2.5V).
3: Low frequency only.
TABLE 3-5:
POWER SUPPLY REJECTION RATIO FOR VDD = VDDO = 3.3V
Note 1, Note 2, Note 3
Parameter
Symbol
Min
Typ.
Max
Units Condition
PSRR for HCSL output
PSRRHCSL
—
–80.7
—
dBc
fIN = 100 MHz
–76.4
fIN = 133 MHz
–66.5
fIN = 400 MHz
Note 1: Values are over recommended operating conditions.
2: Noise injected to VDD/VDDO power supply with frequency 100 kHz and amplitude 100 mVpp.
3: PSRR is measured as amplitude of 100 kHz spur in dBc on the output clock phase noise plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com