Electronic Components Datasheet Search
  English  ▼

X  

16LF1613 Datasheet(PDF) 36 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 36 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 32Page - Microchip Technology 16LF1613 Datasheet HTML 33Page - Microchip Technology 16LF1613 Datasheet HTML 34Page - Microchip Technology 16LF1613 Datasheet HTML 35Page - Microchip Technology 16LF1613 Datasheet HTML 36Page - Microchip Technology 16LF1613 Datasheet HTML 37Page - Microchip Technology 16LF1613 Datasheet HTML 38Page - Microchip Technology 16LF1613 Datasheet HTML 39Page - Microchip Technology 16LF1613 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 396 page
background image
Bank 12
60Ch
to
61Fh
—
Unimplemented
—
—
Bank 13
68Ch
to
690h
—
Unimplemented
—
—
691h
CWG1DBR
—
—DBR<5:0>
--00 0000
--00 0000
692h
CWG1DBF
—
—DBF<5:0>
--xx xxxx
--xx xxxx
693h
CWG1AS0
SHUTDOWN
REN
LSBD<1:0>
LSAC<1:0>
—
—
0000 00--
0000 00--
694h
CWG1AS1
—
TMR6AS
TMR4AS
TMR2AS
—C2AS(4)
C1AS
INAS
-000 -000
-000 -000
695h
CWG1OCON0
OVRD
OVRC
OVRB
OVRA
STRD
STRC
STRB
STRA
0000 0000
0000 0000
696h
CWG1CON0
EN
LD
—
—
—
MODE<2:0>
00-- -000
00-- -000
697h
CWG1CON1
—
—IN
—
POLD
POLC
POLB
POLA
--x- 0000
--x- 0000
698h
CWG1OCON1
—
—
—
—OED
OEC
OEB
OEA
---- 0000
---- 0000
699h
CWG1CLKCON
—
—
—
—
—
—
—CS
---- ---0
---- ---0
69Ah
CWG1ISM
—
—
—
—
—
IS<2:0>
---- -000
---- -000
69Bh
to
6EFh
—
Unimplemented
—
—
TABLE 3-9:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
Legend: x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC12F1612/16F1613 only.
2:
Unimplemented, read as ‘1’.
3:
PIC12(L)F1612 only.
4:
PIC16(L)F1613 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com