Electronic Components Datasheet Search
  English  ▼

X  

16LF1613 Datasheet(PDF) 96 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 96 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 92Page - Microchip Technology 16LF1613 Datasheet HTML 93Page - Microchip Technology 16LF1613 Datasheet HTML 94Page - Microchip Technology 16LF1613 Datasheet HTML 95Page - Microchip Technology 16LF1613 Datasheet HTML 96Page - Microchip Technology 16LF1613 Datasheet HTML 97Page - Microchip Technology 16LF1613 Datasheet HTML 98Page - Microchip Technology 16LF1613 Datasheet HTML 99Page - Microchip Technology 16LF1613 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 96
PIC12(L)F1612/16(L)F1613
FIGURE 9-1:
WATCHDOG TIMER BLOCK DIAGRAM
Rev. 10-000 162A
1/2/201 4
WINDOW
CLRWDT
RESET
WDT Time-out
WDT
Window
Violation
WDTPS
5-bit
WDT Counter
Overflow
Latch
18-bit Prescale
Counter
000
011
010
001
100
101
110
111
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
MFINTOSC/16
LFINTOSC
R
R
WDTCS
WWDT
Armed
Window
Sizes
Comparator
Window Closed
E
WDTE<1:0> =
01
WDTE<1:0> =
11
WDTE<1:0> =
10
SEN
Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com