Electronic Components Datasheet Search
  English  ▼

X  

16LF1613 Datasheet(PDF) 14 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 10Page - Microchip Technology 16LF1613 Datasheet HTML 11Page - Microchip Technology 16LF1613 Datasheet HTML 12Page - Microchip Technology 16LF1613 Datasheet HTML 13Page - Microchip Technology 16LF1613 Datasheet HTML 14Page - Microchip Technology 16LF1613 Datasheet HTML 15Page - Microchip Technology 16LF1613 Datasheet HTML 16Page - Microchip Technology 16LF1613 Datasheet HTML 17Page - Microchip Technology 16LF1613 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 14
PIC12(L)F1612/16(L)F1613
RC1/AN5/C1IN1-/C2IN1-/T4IN/
SMTSIG2
RC1
TTL/ST CMOS/OD General purpose I/O.
AN5
AN
—
ADC Channel input.
C1IN1-
AN
—
Comparator negative input.
C2IN1-
AN
—
Comparator negative input.
T4IN
TTL/ST
—
Timer4 input.
SMTSIG2
TTL/ST
—
SMT2 signal input.
RC2/AN6/C1IN2-/C2IN2-/
CWG1D
RC2
TTL/ST CMOS/OD General purpose I/O.
AN6
AN
—
ADC Channel input.
C1IN2-
AN
—
Comparator negative input.
C2IN2-
AN
—
Comparator negative input.
CWG1D
—
CMOS/OD CWG complementary output D.
RC3/AN7/C1IN3-/C2IN3-/
CCP2(1)/CWG1C
RC3
TTL/ST
—
General purpose input with IOC and WPU.
AN7
AN
—
ADC Channel input.
C1IN3-
AN
—
Comparator negative input.
C2IN3-
AN
—
Comparator negative input.
CCP2
TTL/ST CMOS/OD Capture/Compare/PWM2.
CWG1C
—
CMOS/OD CWG complementary output C.
RC4/C2OUT/CWG1B
RC4
TTL/ST CMOS/OD General purpose I/O.
C2OUT
—
CMOS/OD Comparator output.
CWG1B
—
CMOS/OD CWG complementary output B.
RC5/CCP1/CWG1A
RC5
TTL/ST CMOS/OD General purpose I/O.
CCP1
TTL/ST CMOS/OD Capture/Compare/PWM1.
CWG1A
—
CMOS/OD CWG complementary output A.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-3:
PIC16(L)F1613 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output CMOS = CMOS compatible input or output
OD
=
Open-Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C
=
Schmitt Trigger input with I2C
HV = High Voltage
XTAL
= Crystal
levels
Note
1:
Alternate pin function selected with the APFCON register (Register 12-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com