Electronic Components Datasheet Search
  English  ▼

X  

16LF1613 Datasheet(PDF) 1 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 1 Page - Microchip Technology

  16LF1613 Datasheet HTML 1Page - Microchip Technology 16LF1613 Datasheet HTML 2Page - Microchip Technology 16LF1613 Datasheet HTML 3Page - Microchip Technology 16LF1613 Datasheet HTML 4Page - Microchip Technology 16LF1613 Datasheet HTML 5Page - Microchip Technology 16LF1613 Datasheet HTML 6Page - Microchip Technology 16LF1613 Datasheet HTML 7Page - Microchip Technology 16LF1613 Datasheet HTML 8Page - Microchip Technology 16LF1613 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 1
PIC12(L)F1612/16(L)F1613
Description
PIC12(L)F1612/16(L)F1613 microcontrollers deliver on-chip features that are unique to the design for embedded control
of small motors and general purpose applications in 8/14-pin count packages. Features like 10-bit A/D, CCP, 24-bit SMT
and Zero-Cross Detection offer an excellent solution to the variety of applications. The product family also has a CRC+
memory scan and Windowed WDT to support safety-critical systems in home appliances, white goods and other end
equipment.
Core Features
• C Compiler Optimized RISC Architecture
• Only 49 Instructions
• Operating Speed:
- DC – 32 MHz clock input
- 125 ns minimum instruction cycle
• Interrupt Capability
• 16-Level Deep Hardware Stack
• One 8-Bit Timer
• One 16-bit Timers
• Low Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRT)
• Brown-out Reset (BOR) with Selectable Trip Point
• Windowed Watchdog Timer (WWDT):
- Variable prescaler selection
- Variable window size selection
- All sources configurable in hardware or
software
Memory
• 2 KW Flash Program Memory
• 256 Bytes Data SRAM
• Direct, Indirect and Relative Addressing modes
• High-Endurance Flash Data Memory (HEF):
- 128 B of nonvolatile data storage
- 100K erase/write cycles
Operating Characteristics
• Operating Voltage Range:
- 1.8V to 3.6V (PIC12LF1612/16F1613)
- 2.3V to 5.5V (PIC12F1612/16F1613)
• Temperature Range:
- Industrial: -40°C to 85°C
- Extended: -40°C to 125°C
eXtreme Low-Power (XLP) Features
• Sleep mode: 50 nA @ 1.8V, typical
• Watchdog Timer: 500 nA @ 1.8V, typical
• Secondary Oscillator: 500 nA @ 32 kHz
• Operating Current:
- 8 uA @ 32 kHz, 1.8V, typical
- 32 uA/MHz @ 1.8V, typical
Digital Peripherals
• Complementary Waveform Generator (CWG):
- Rising and falling edge dead-band control
- Full-bridge, half-bridge, 1-channel drive
- Multiple signal sources
• Two Capture/Compare/PWM (CCP) modules
• Two Signal Measurement Timers (SMT):
- 24-bit timer/counter with prescaler
- Multiple gate and clock inputs
• 8-Bit Timers (TMR2+HLT/4/6):
- Up to 3 Timer2/4/6 with Hardware Limit Timer
(HLT)
- Monitors Fault Conditions: Stall, Stop, etc.
- Multiple modes
- 8-bit timer/counter with prescaler
- 8-bit period register and postscaler
- Asynchronous H/W Reset sources
• Cyclic Redundancy Check with Memory Scan
(CRC/SCAN):
- Software configurable
8/14-Pin, 8-Bit Flash Microcontroller


Similar Part No. - 16LF1613

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16LF1824 MICROCHIP-16LF1824 Datasheet
3Mb / 419P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
16LF194X MICROCHIP-16LF194X Datasheet
197Kb / 6P
64-Pin 8-Bit Flash Microcontroller Product Brief
2008
More results

Similar Description - 16LF1613

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
14-Pin, 8-Bit Flash Microcontroller
2010
PIC12F615 MICROCHIP-PIC12F615_05 Datasheet
177Kb / 4P
8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
PIC12F529T39A MICROCHIP-PIC12F529T39A Datasheet
1Mb / 106P
14-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com