Electronic Components Datasheet Search
  English  ▼

X  

16LF1613 Datasheet(PDF) 63 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 63 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 59Page - Microchip Technology 16LF1613 Datasheet HTML 60Page - Microchip Technology 16LF1613 Datasheet HTML 61Page - Microchip Technology 16LF1613 Datasheet HTML 62Page - Microchip Technology 16LF1613 Datasheet HTML 63Page - Microchip Technology 16LF1613 Datasheet HTML 64Page - Microchip Technology 16LF1613 Datasheet HTML 65Page - Microchip Technology 16LF1613 Datasheet HTML 66Page - Microchip Technology 16LF1613 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 63
PIC12(L)F1612/16(L)F1613
5.2.2.7
32 MHz Internal Oscillator
Frequency Selection
The Internal Oscillator Block can be used with the
4x PLL associated with the External Oscillator Block to
produce a 32 MHz internal system clock source. Either
the 8 or 16 MHz internal oscillator settings can be used,
with the 16 MHz being divided by two before being
input into the PLL. The following settings are required
to use the 32 MHz internal clock source:
• The FOSC bits in Configuration Words must be
set to use the INTOSC source as the device
system clock (FOSC<1:0> = 00).
• The SCS bits in the OSCCON register must be
cleared to use the clock determined by
FOSC<1:0> in Configuration Words
(SCS<1:0> = 00).
• The IRCF bits in the OSCCON register must be
set to either the 16 MHz (IRCF<3:0> = 1111) or
the 8 MHz HFINTOSC (IRCF<3:0> = 1110).
• The SPLLEN bit in the OSCCON register must be
set to enable the 4x PLL, or the PLLEN bit of the
Configuration Words must be programmed to a
‘1’.
The 4x PLL is not available for use with the internal
oscillator when the SCS bits of the OSCCON register
are set to ‘1x’. The SCS bits must be set to ‘00’ to use
the 4x PLL with the internal oscillator.
5.2.2.8
Internal Oscillator Clock Switch
Timing
When switching between the HFINTOSC, MFINTOSC
and the LFINTOSC, the new oscillator may already be
shut down to save power (see Figure 5-3). If this is the
case, there is a delay after the IRCF<3:0> bits of the
OSCCON register are modified before the frequency
selection takes place. The OSCSTAT register will
reflect the current active status of the HFINTOSC,
MFINTOSC and LFINTOSC oscillators. The sequence
of a frequency selection is as follows:
1.
IRCF<3:0> bits of the OSCCON register are
modified.
2.
If the new clock is shut down, a clock start-up
delay is started.
3.
Clock switch circuitry waits for a falling edge of
the current clock.
4.
The current clock is held low and the clock
switch circuitry waits for a rising edge in the new
clock.
5.
The new clock is now active.
6.
The OSCSTAT register is updated as required.
7.
Clock switch is complete.
See Figure 5-3 for more details.
If the internal oscillator speed is switched between two
clocks of the same source, there is no start-up delay
before the new frequency is selected. Clock switching
time delays are shown in Table 5-1.
Start-up delay specifications are located in the
oscillator
tables
of
Section28.0 “Electrical
Specifications”
.
Note:
When using the PLLEN bit of the
Configuration Words, the 4x PLL cannot
be disabled by software and the 8/16 MHz
HFINTOSC option will no longer be
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com