Electronic Components Datasheet Search
  English  ▼

X  

16LF1613 Datasheet(PDF) 94 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 94 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 90Page - Microchip Technology 16LF1613 Datasheet HTML 91Page - Microchip Technology 16LF1613 Datasheet HTML 92Page - Microchip Technology 16LF1613 Datasheet HTML 93Page - Microchip Technology 16LF1613 Datasheet HTML 94Page - Microchip Technology 16LF1613 Datasheet HTML 95Page - Microchip Technology 16LF1613 Datasheet HTML 96Page - Microchip Technology 16LF1613 Datasheet HTML 97Page - Microchip Technology 16LF1613 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 94
PIC12(L)F1612/16(L)F1613
8.3
Register Definitions: Voltage Regulator Control
TABLE 8-1:
SUMMARY OF REGISTERS ASSOCIATED WITH POWER-DOWN MODE
REGISTER 8-1:
VREGCON: VOLTAGE REGULATOR CONTROL REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-1/1
—
—
—
—
—
—VREGPM
Reserved
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-2
Unimplemented:
Read as ‘0’
bit 1
VREGPM
: Voltage Regulator Power Mode Selection bit
1
= Low-Power Sleep mode enabled in Sleep(2)
Draws lowest current in Sleep, slower wake-up
0
= Normal Power mode enabled in Sleep(2)
Draws higher current in Sleep, faster wake-up
bit 0
Reserved:
Read as ‘1’. Maintain this bit set.
Note 1:
PIC12F1612/16F1613 only.
2:
See Section 28.0 “Electrical Specifications”.
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Register on
Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
82
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
148
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
148
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
148
IOCCP(1)
—
—
IOCCP5
IOCCP4
IOCCP3
IOCCP2
IOCCP1
IOCCP0
148
IOCCN(1)
—
—
IOCCN5
IOCCN4
IOCCN3
IOCCN2
IOCCN1
IOCCN0
148
IOCCF(1)
—
—
IOCCF5
IOCCF4
IOCCF3
IOCCF2
IOCCF1
IOCCF0
148
PIE1
TMR1GIE
ADIE
—
—
—
CCP1IE
TMR2IE
TMR1IE
83
PIE2
—C2IE(1)
C1IE
—
—
TMR6IE
TMR4IE
CCP2IE
84
PIE3
—
—
CWGIE
ZCDIE
—
—
—
—
85
PIE4
SCANIE
CRCIE
SMT2PWAIE SMT2PRAIE
SMT2IE
SMT1PWAIE SMT1PRAIE
SMT1IF
86
PIR1
TMR1GIF
ADIF
—
—
—
CCP1IF
TMR2IF
TMR1IF
87
PIR2
—C2IF(1)
C1IF
—
—
TMR6IF
TMR4IF
CCP2IF
88
PIR3
—
—
CWGIF
ZCDIF
—
—
—
—
89
PIR4
SCANIF
CRCIF
SMT2PWAIF SMT2PRAIF
SMT2IF
SMT1PWAIF SMT1PRAIF
SMT1IF
90
STATUS
—
—
—TO
PD
Z
DC
C
21
WDTCON0
—
—
WDTPS<4:0>
SEN
99
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used in Power-Down mode.
Note
1:
PIC16(L)F1613 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com