Electronic Components Datasheet Search
  English  ▼

X  

16LF1613 Datasheet(PDF) 93 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 93 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 89Page - Microchip Technology 16LF1613 Datasheet HTML 90Page - Microchip Technology 16LF1613 Datasheet HTML 91Page - Microchip Technology 16LF1613 Datasheet HTML 92Page - Microchip Technology 16LF1613 Datasheet HTML 93Page - Microchip Technology 16LF1613 Datasheet HTML 94Page - Microchip Technology 16LF1613 Datasheet HTML 95Page - Microchip Technology 16LF1613 Datasheet HTML 96Page - Microchip Technology 16LF1613 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 93
PIC12(L)F1612/16(L)F1613
FIGURE 8-1:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
8.2
Low-Power Sleep Mode
This device contains an internal Low Dropout (LDO)
voltage regulator, which allows the device I/O pins to
operate at voltages up to 5.5V while the internal device
logic operates at a lower voltage. The LDO and its
associated reference circuitry must remain active when
the device is in Sleep mode.
Low-Power Sleep mode allows the user to optimize the
operating current in Sleep. Low-Power Sleep mode can
be selected by setting the VREGPM bit of the
VREGCON register, putting the LDO and reference
circuitry in a low-power state whenever the device is in
Sleep.
8.2.1
SLEEP CURRENT VS. WAKE-UP
TIME
In the Default Operating mode, the LDO and reference
circuitry remain in the normal configuration while in
Sleep. The device is able to exit Sleep mode quickly
since all circuits remain active. In Low-Power Sleep
mode, when waking up from Sleep, an extra delay time
is required for these circuits to return to the normal con-
figuration and stabilize.
The Low-Power Sleep mode is beneficial for applica-
tions that stay in Sleep mode for long periods of time.
The Normal mode is beneficial for applications that
need to wake from Sleep quickly and frequently.
8.2.2
PERIPHERAL USAGE IN SLEEP
Some peripherals that can operate in Sleep mode will
not operate properly with the Low-Power Sleep mode
selected. The LDO will remain in the Normal-Power
mode when those peripherals are enabled. The Low-
Power Sleep mode is intended for use with these
peripherals:
• Brown-Out Reset (BOR)
• Watchdog Timer (WDT)
• External interrupt pin/Interrupt-on-change pins
• Timer1 (with external clock source)
The Complementary Waveform Generator (CWG) can
utilize the HFINTOSC oscillator as either a clock
source or as an input source. Under certain condi-
tions, when the HFINTOSC is selected for use with the
CWG modules, the HFINTOSC will remain active
during Sleep. This will have a direct effect on the
Sleep mode current.
Please refer to sections Section 24.11 “Operation
During Sleep”
for more information.
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
CLKIN(1)
CLKOUT(2)
Interrupt flag
GIE bit
(INTCON reg.)
Instruction Flow
PC
Instruction
Fetched
Instruction
Executed
PC
PC + 1
PC + 2
Inst(PC) = Sleep
Inst(PC - 1)
Inst(PC + 1)
Sleep
Processor in
Sleep
Interrupt Latency(4)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Forced NOP
PC + 2
0004h
0005h
Forced NOP
T1OSC(3)
PC + 2
Note
1:
External clock. High, Medium, Low mode assumed.
2:
CLKOUT is shown here for timing reference.
3:
T1OSC; See Section 28.0 “Electrical Specifications”.
4:
GIE = 1 assumed. In this case after wake-up, the processor calls the ISR at 0004h. If GIE = 0, execution will continue in-line.
Note:
The PIC12LF1612/16LF1613 does not
have a configurable Low-Power Sleep
mode. PIC12LF1612/16LF1613 is an
unregulated device and is always in the
lowest power state when in Sleep, with no
wake-up time penalty. This device has a
lower maximum VDD and I/O voltage than
the PIC12F1612/16F1613. See Section
28.0 “Electrical
Specifications”
for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com