Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM73
Description  LM73-Q1 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM73 Datasheet HTML 18Page - Texas Instruments LM73 Datasheet HTML 19Page - Texas Instruments LM73 Datasheet HTML 20Page - Texas Instruments LM73 Datasheet HTML 21Page - Texas Instruments LM73 Datasheet HTML 22Page - Texas Instruments LM73 Datasheet HTML 23Page - Texas Instruments LM73 Datasheet HTML 24Page - Texas Instruments LM73 Datasheet HTML 25Page - Texas Instruments LM73 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
VDD
R1
LM73
R2
C1
GND
SMBDAT
SMBCLK
VDD
22
LM73-Q1
SNIS194 – DECEMBER 2016
www.ti.com
Product Folder Links: LM73-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Power Supply Recommendations
In systems where there is a large amount of capacitance on the VDD node, the LM73-Q1 power supply ramp-up
time can become excessively long. Slow power-supply ramp times may result in abnormal temperature readings.
A linear power-on-ramp of less than 0.7 V/msec and an exponential ramp with an RC time constant of more than
1.25 msec is categorized as a slow power-supply ramp. To avoid errors, use the power up sequence described
below.
The software reset sequence is as follows:
1. Allow VDD to reach the specified minimum operating voltage, as specified in the Recommended Operating
Conditions section.
2. Write a 1 to the Full Power Down bit, Bit 7 of the Configuration Register, and hold it high for the specified
maximum conversion time for the initial default of 11-bits resolution. This ensures that a complete reset
operation has occurred. See the Temperature Conversion Time specifications within the Temperature-to-
Digital Converter Characteristics for more details.
3. Write a 0 to the Full Power Down bit to restore the LM73-Q1 to normal mode.
10 Layout
10.1 Layout Guidelines
To achieve the expected results when measuring temperature with an integrated circuit temperature sensor like
the LM73-Q1, it is important to understand that the sensor measures its own die temperature. For the LM73-Q1,
the best thermal path between the die and the outside world is through the LM73-Q1's pins. In the SOT-23
package, all the pins on the LM73-Q1 will have an equal effect on the die temperature. Because the pins
represent a good thermal path to the LM73-Q1 die, the LM73-Q1 will provide an accurate measurement of the
temperature of the printed circuit board on which it is mounted.
10.2 Layout Example
Figure 15. PBC Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com