Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM73
Description  LM73-Q1 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 5 Page - Texas Instruments

  LM73 Datasheet HTML 1Page - Texas Instruments LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
LM73-Q1
www.ti.com
SNIS194 – DECEMBER 2016
Product Folder Links: LM73-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM73-Q1 and the thermal resistance.
(2)
This specification is provided only to indicate how often temperature data is updated. The LM73-Q1 can be read at any time without
regard to conversion state (and will yield last conversion result).
6.5 Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD = 2.7 V to 5.5 V. All limits TA = TJ = 25°C, unless otherwise noted.
TA is the ambient temperature. TJ is the junction temperature.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Accuracy (1)
VDD = 3.3V
TA = −40°C to -25°C
–1.85
1.85
°C
TA = −25°C to –10°C
–1.65
1.65
°C
TA = −10°C to 80°C
–1.45
1.45
°C
TA = 80°C to 115°C
–1.65
1.65
°C
TA = 115°C to 125°C
-1.8
1.8
°C
VDD = 2.7V
to
VDD = 4.5V
TA = −40°C to -25°C
-2.1
2.1
°C
TA = −25°C to –10°C
–1.75
1.75
°C
TA = −10°C to 80°C
-1.65
1.65
°C
TA = 80°C to 115°C
-1.8
1.8
°C
TA = 115°C to 125°C
-2
2
°C
VDD > 4.5V
to
VDD = 5.5V
TA = −40°C to -25°C
-2.4
2.4
°C
TA = −25°C to -10°C
-2.2
2.2
°C
TA = −10°C to 80°C
–1.9
1.9
°C
TA = 80°C to 115°C
-1.8
1.8
°C
TA = 115°C to 125°C
-2
2
°C
Resolution
RES1 Bit = 0, RES0 Bit = 0
11
Bits
0.25
°C/LSB
RES1 Bit = 0, RES0 Bit = 1
12
Bits
0.125
°C/LSB
RES1 Bit = 1, RES0 Bit = 0
13
Bits
0.0625
°C/LSB
RES1 Bit = 1, RES0 Bit = 1
14
Bits
0.03125
°C/LSB
Temperature
Conversion Time (2)
RES1 Bit = 0, RES0 Bit = 0
10.1
ms
TA = TJ =TMIN to TMAX
14
RES1 Bit = 0, RES0 Bit = 1
20.2
ms
TA = TJ =TMIN to TMAX
28
RES1 Bit = 1, RES0 Bit = 0
40.4
ms
TA = TJ =TMIN to TMAX
56
RES1 Bit = 1, RES0 Bit = 1
80.8
ms
TA = TJ =TMIN to TMAX
112
Quiescent Current
Continuous Conversion Mode,
SMBus inactive
320
µA
TA = TJ =TMIN to TMAX
495
Shutdown, bus-idle timers on
120
µA
TA = TJ =TMIN to TMAX
175
Shutdown, bus-idle timers off
1.9
µA
TA = TJ =TMIN to TMAX
8
Power-On Reset
Threshold
Measured on VDD input, falling edge TA = TJ =TMIN to TMAX
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com