Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM73
Description  LM73-Q1 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 1 Page - Texas Instruments

  LM73 Datasheet HTML 1Page - Texas Instruments LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM73
SMBDAT
SMBCLK
ADDR
1
5
6
4
VDD = 2.7V to 5.5V
Typical bypass 0.1 PF
3
2
To hardware
shutdown
To / from processor
2-wire interface
Address (set as desired for one
of three addresses)
ALERT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM73-Q1
SNIS194 – DECEMBER 2016
LM73-Q1 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified With the Following Results
–
LM73-Q1 Temperature grade 1: –40°C to
125°C
–
LM73-Q1 HBM ESD Classification Level 2
–
LM73-Q1 CDM ESD Classification Level C6
•
Single Address Pin Offers Choice of Three
Selectable Addresses Per Version for a Total of
Six Possible Addresses.
•
SMBus and I2C-compatible Two-Wire Interface
•
Supports 400-kHz Operation
•
Shutdown Mode With One-shot Feature Available
for Very Low Average Power Consumption
•
Programmable Digital Temperature Resolution
From 11 Bits to 14 Bits
•
Fast Conversion Rate Ideal for Quick Power Up
and Measuring Rapidly Changing Temperature
•
Open-Drain ALERT Output Pin Goes Active When
Temperature is Above a Programmed
Temperature Limit
•
Very Stable, Low-noise Digital Output
•
UL Recognized Component
•
Temperature Accuracy: ±1.45°C (Maximum)
•
Temperature Range: –40°C to 125°C
•
Conversion Time
–
11-Bit (0.25°C): 14 ms (Maximum)
–
14-Bit (0.03125°C): 112 ms (Maximum)
•
Operating Supply Current: 320 µA (Typical)
•
Shutdown Supply Current: 1.9 µA (Typical)
•
Resolution: 0.25°C to 0.03125°C
2 Applications
•
Automotive Climate Control
•
Advanced Driver Assistance Systems (ADAS)
•
Airflow Sensor
•
Infotainment Processor Management
•
Instrument Cluster Control
•
UREA Sensors
•
HID Lamps
3 Description
The LM73-Q1 is a digital output temperature sensor
featuring
an
integrated
incremental
Delta-Sigma
ADC. The LM73-Q1 communicates with a two-wire
interface that is compatible with SMBus and I2C
interfaces, and the host can query the LM73-Q1 at
any time to read temperature.
The LM73-Q1 operates over a wide temperature
range (–40°C to 125°C) and provides ±1.45°C
accuracy from –10°C to 80°C. The LM73-Q1 includes
four selectable resolution options that allow the
temperature conversion time and sensitivity to be
adjusted for optimal performance. The LM73-Q1
defaults to 11-bit mode (0.25°C/LSB), and will
measure temperature in a maximum time of 14 ms,
making
it
ideal
for
applications
that
require
temperature data very soon after power-up. In its 14-
bit maximum resolution mode (0.03125°C/LSB), the
LM73-Q1 is optimized to sense very small changes in
temperature.
A single multi-level address line selects one of three
unique device addresses. An open-drain ALERT
output goes active when the temperature exceeds a
programmable limit. Both the data and clock lines are
filtered for excellent noise tolerance and reliable
communication. Additionally, the LM73-Q1 has a
time-out feature that will automatically reset the clock
and data lines, if these lines are held low for an
extended period of time. This prevents a bus lock-up
condition
without
requiring
host
processor
intervention.
Device Information(1)
PART NUMBER
PACKAG
E
BODY SIZE (NOM)
LM73-Q1
SOT (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - LM73

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM73 NSC-LM73 Datasheet
731Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 NSC-LM73 Datasheet
733Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73 TI1-LM73 Datasheet
1Mb / 26P
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 TI-LM73 Datasheet
1Mb / 30P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73 TI2-LM73 Datasheet
796Kb / 31P
LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
REVISED OCTOBER 2015
More results

Similar Description - LM73

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
National Semiconductor ...
LM73 NSC-LM73 Datasheet
731Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 NSC-LM73_06 Datasheet
733Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73CIMK-0 TI1-LM73CIMK-0 Datasheet
1Mb / 26P
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
LM60 TI-LM60_15 Datasheet
1Mb / 24P
LM60 and LM60-Q1 2.7-V, SOT-23 or TO-92 Temperature Sensor
LM73 TI-LM73_15 Datasheet
1Mb / 30P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com