Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM73
Description  LM73-Q1 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments LM73 Datasheet HTML 10Page - Texas Instruments LM73 Datasheet HTML 11Page - Texas Instruments LM73 Datasheet HTML 12Page - Texas Instruments LM73 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SMBDAT
SMBCLK
Temperature
Sensor
Circuitry
Configuration
Register
Temperature
Register
Two-Wire
Serial Interface
2.7V to 5.5V
LM73
Manufacturer's
ID Register
THIGH Register
TLOW Register
Pointer
Register
and
Decode Logic
Set-Point
Comparator
ADDR
Control/Status
Register
11-Bit to 14-Bit
Delta-Sigma
A/D Converter
GND
VDD
ALERT
9
LM73-Q1
www.ti.com
SNIS194 – DECEMBER 2016
Product Folder Links: LM73-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM73-Q1 is a digital temperature sensor that senses the temperature of its die using a sigma-delta analog-
to-digital converter and stores the temperature in the Temperature Register. The LM73-Q1's 2-wire serial
interface is compatible with SMBus 2.0 and I2C. Please see the SMBus 2.0 specification for a detailed
description of the differences between the I2C bus and SMBus.
The temperature resolution is programmable, allowing the host system to select the optimal configuration
between sensitivity and conversion time. The LM73-Q1 can be placed in shutdown to minimize power
consumption when temperature data is not required. While in shutdown, a 1-shot conversion mode allows
system control of the conversion rate for ultimate flexibility.
7.2 Functional Block Diagram
7.3 Feature Description
The LM73-Q1 features the following registers. See LM73-Q1 Registers for a complete list of the pointer address,
content, and reset state of each register.
•
Pointer Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com