Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM73
Description  LM73-Q1 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM73 Datasheet(HTML) 3 Page - Texas Instruments

  LM73 Datasheet HTML 1Page - Texas Instruments LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Snap
Back
GND
D1
PIN
Snap
Back
GND
D1
PIN
VDD
125
D2
D3
Snap
Back
GND
D1
PIN
Snap
Back
GND
D1
PIN
VDD
2.5k
D2
D3
ADDR
SMBCLK
LM73
1
2
3
4
5
GND
SMBDAT
VDD
6
ALERT
3
LM73-Q1
www.ti.com
SNIS194 – DECEMBER 2016
Product Folder Links: LM73-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DDC Package
6-Pin (SOT-23)
Top View
Pin Functions
PIN
TYPE
EQUIVALENT CIRCUIT
FUNCTION
NO.
NAME
1
ADDR
CMOS
Logic
Input
(three
levels)
Address Select Input: One of three device addresses is selected by
connecting to ground, left floating, or connecting to VDD.
2
GND
Ground
Ground
3
VDD
Power
Supply Voltage
4
SMBCLK
CMOS
Logic
Input
Serial Clock: SMBus clock signal. Operates up to 400 kHz. Low-pass
filtered.
5
ALERT
Open-
Drain
Output
Digital output which goes active whenever the measured temperature
exceeds a programmable temperature limit.
6
SMBDAT
Open-
Drain
Input/Outp
ut
Serial Data: SMBus bi-directional data signal used to transfer serial
data synchronous to the SMBCLK. Low-pass filtered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com