Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5951
Description  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 Datasheet(HTML) 3 Page - Texas Instruments

  LP5951 Datasheet HTML 1Page - Texas Instruments LP5951 Datasheet HTML 2Page - Texas Instruments LP5951 Datasheet HTML 3Page - Texas Instruments LP5951 Datasheet HTML 4Page - Texas Instruments LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
IN
2
GND
OUT
5
NC
4
3
EN
1
IN
2
GND
OUT
5
NC
4
3
EN
LP5951
www.ti.com
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
SOT-23 (DBV)
5 Pins
Top View
SC70 (DCK)
5 Pins
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
1
IN
I
Input voltage 1.8 V to 5.5 V
2
GND
—
Ground
3
EN
I
Enable pin logic input: Low = shutdown, High = normal operation. This pin should not
be left floating.
4
NC
—
No internal connection
5
OUT
O
Regulated output voltage
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com