Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5951
Description  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5951 Datasheet HTML 2Page - Texas Instruments LP5951 Datasheet HTML 3Page - Texas Instruments LP5951 Datasheet HTML 4Page - Texas Instruments LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments LP5951 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
2.9
LP5951-1.3
CIN, COUT = 1.0 µF
2.3
TIME (100 µs/DIV)
IL = 150 mA
4.9
LP5951-3.3
CIN = 1.0 µF
COUT = 1.5 µF
4.3
TIME (100 µs/DIV)
IL = 150 mA
0
150
LP5951-1.3
CIN, COUT = 1.0 µF
TIME (50 µs/DIV)
0
150
LP5951-3.3
CIN = 1.0 µF
COUT = 1.5 µF
TIME (50 µs/DIV)
LP5951
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
www.ti.com
6.8 Output Capacitor, Recommended Specification
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
Capacitance(2)
0.7
1
47
µF
IOUT = 150 mA, VIN = 5 V
COUT
Output capacitance
ESR
0.003
0.300
Ω
(1)
Min and Max limits are ensured by design.
(2)
The capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be considered
when selecting a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended capacitor type is
X7R. However, dependent on application, X5R, Y5V, and Z5U can also be used. The shown minimum limit represents real minimum
capacitance, including all tolerances and must be maintained over temperature and dc bias voltage (see External Capacitors in
Application and Implementation section).
6.9 Typical Characteristics
Unless otherwise specified, CIN = 1 µF ceramic, COUT = 1 µF ceramic, VIN = VOUT(NOM) + 1 V, TA = 25°C; EN pin is tied to VIN.
Figure 1. Load Transient Response
Figure 2. Load Transient Response
Figure 4. Line Transient Response
Figure 3. Line Transient Response
6
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com