Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5951
Description  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5951 Datasheet HTML 3Page - Texas Instruments LP5951 Datasheet HTML 4Page - Texas Instruments LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments LP5951 Datasheet HTML 10Page - Texas Instruments LP5951 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
-80
-60
-40
-20
0
10
LP5951-3.3
VIN = 5.5V,
IL = 1 mA
VIN = 3.8V,
IL = 1 mA
VIN = 5.5V,
IL = 0 mA
VIN = 3.8V,
IL = 0 mA
18.0
20.0
22.0
24.0
26.0
34.0
36.0
38.0
40.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
32.0
30.0
28.0
LP5951-1.3
IL = 1 mA
TA = -40
oC
TA = 25
oC
TA = 125
oC
-40
120
TEMPERATURE (
oC)
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
100
80
60
40
20
-20
0
LP5951-1.3
IL = 1 mA
LP5951-1.3
TIME (10 µs/DIV)
IL = 150 mA
LP5951-3.3
TIME (10 µs/DIV)
IL = 150 mA
LP5951
www.ti.com
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Unless otherwise specified, CIN = 1 µF ceramic, COUT = 1 µF ceramic, VIN = VOUT(NOM) + 1 V, TA = 25°C; EN pin is tied to VIN.
Figure 5. Enable Start-Up Time
Figure 6. Enable Start-Up Time
Figure 7. Output Voltage Change vs Temperature
Figure 8. Ground Current vs VIN
Figure 9. Power Supply Rejection Ratio
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com