Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5951
Description  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 Datasheet(HTML) 1 Page - Texas Instruments

  LP5951 Datasheet HTML 1Page - Texas Instruments LP5951 Datasheet HTML 2Page - Texas Instruments LP5951 Datasheet HTML 3Page - Texas Instruments LP5951 Datasheet HTML 4Page - Texas Instruments LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LP5951
VIN
OUT
GND
NC
IN
Enable Control,
active high
1
3
2
4
5
Load
EN
1 2F
1 2F
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP5951
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
1 Features
3 Description
The LP5951 regulator is designed to meet the
1
•
Input Voltage Range: 1.8 V to 5.5 V
requirements of portable battery-powered systems
•
Output Voltage Range: 1.3 V to 3.7 V
providing
a
regulated
output
voltage
and
low
•
Excellent Line Transient Response: ±2 mV
quiescent current. When switched to shutdown mode
(typical)
via a logic signal at the Enable (EN) pin, the power
consumption is reduced to virtually zero.
•
Excellent PSRR: –60 dB at 1 kHz typical
•
Low Quiescent Current of 29 µA typical
The LP5951 is designed to be stable with small 1-µF
ceramic capacitors. The device also features internal
•
Small SC70-5 and SOT-23-5 Packages
protection against short-circuit currents and over-
•
Fast Turnon Time of 30 µs typ.
temperature conditions.
•
Typical < 1 nA Quiescent Current in Shutdown
Performance is specified for a –40°C to 125°C
•
Ensured 150-mA Output Current
temperature range.
•
Logic Controlled Enable 0.4 V/0.9 V
The device is available in fixed output voltages in the
•
Good Load Transient Response of 50 mVpp
range of 1.3 V to 3.7 V. For availability, please
(typical)
contact your local TI sales office.
•
Thermal Overload and Short-Circuit Protection
Device Information(1)
•
-40°C to 125°C Junction Temperature Range
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm x 1.60 mm
2 Applications
LP5951
SC70 (5)
2.00 mm x 1.25 mm
General Purpose
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP5951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Unisonic Technologies
LP5951 UTC-LP5951 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
logo
Texas Instruments
LP5951 TI1-LP5951 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Unisonic Technologies
LP5951G-XX-SH2-R UTC-LP5951G-XX-SH2-R Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
LP5951G-XX-SH2-T UTC-LP5951G-XX-SH2-T Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 150mA LDO REGULATOR
More results

Similar Description - LP5951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
37136 TI-37136 Datasheet
933Kb / 17P
Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Texas Instruments
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com