Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5951
Description  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 Datasheet(HTML) 5 Page - Texas Instruments

  LP5951 Datasheet HTML 1Page - Texas Instruments LP5951 Datasheet HTML 2Page - Texas Instruments LP5951 Datasheet HTML 3Page - Texas Instruments LP5951 Datasheet HTML 4Page - Texas Instruments LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LP5951
www.ti.com
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
All typical (TYP) values and limits are for TA = TJ = 25°C, and minimum (MIN) and maximum (MAX) limits apply over the
operating junction temperature range (TJ ) of –40°C to 125°C unless otherwise specified in the Test Conditions. Unless
otherwise noted, VIN = VOUT(NOM) + 1 V, CIN = 1 µF, COUT = 1 µF, VEN = 0.9 V.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
VIN ≥ VOUT(NOM) + VDO
1.8
5.5
V
IOUT = 1mA
–2%
2%
TJ = 25°C
Output voltage tolerance
IOUT = 1mA
–3.5%
3.5%
–30°C
≤ TJ ≤ +125°C
ΔVOUT
Line regulation error
VIN = VOUT(NOM) + 1 V to 5.5 V
0.1
%/V
IOUT = 1 mA
Load regulation error
IOUT = 1 mA to 150 mA
–0.01
%/mA
VDO
Output voltage dropout(3)
IOUT = 150 mA , VOUT ≥ 2.5 V
250
mV
IOUT = 150 mA , VOUT < 2.5 V
200
350
IQ
Quiescent current
VEN = 0.9 V, ILOAD = 0
29
55
µA
VEN = 0.9 V, ILOAD = 150 mA
33
70
VEN = 0 V, TJ = 25°C
0.005
1
ISC
Output current (short circuit)
VIN = VOUT(NOM) + 1 V
150
400
mA
Sine modulated VIN, ƒ = 100 Hz
60
PSRR
Power supply rejection ratio
Sine modulated VIN, ƒ = 1 kHz
60
dB
Sine modulated VIN, ƒ = 10 kHz
50
EN
Output noise
BW = 10 Hz - 100 kHz
125
µVRMS
TSD
Thermal shutdown
160
°C
Temperature hysteresis
20
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and Maximum limits are ensured through test, design, or statistical correlation over the operating junction temperature range
(TJ ) of –40°C to 125°C, unless otherwise stated. Typical values represent the most likely parametric norm at TJ = 25°C, and are
provided for reference purposes only.
(3)
Dropout voltage is defined as the input to output voltage differential at which the output voltage falls to 100 mV below the nominal output
voltage. This specification does not apply for output voltages below 1.8 V.
6.6 Enable Control Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IEN
Maximum input current at
0 V
≤ VEN ≤ VIN, VIN = 5.5 V
–1
1
µA
EN input
–40°C
≤ TJ ≤ 125°C
Low input threshold
VIN = 1.8 V to 5.5 V
VIL
0.4
(shutdown)
–40°C
≤ TJ ≤ 125°C
V
VIH
High input threshold
VIN = 1.8 V to 5.5 V
0.9
(enable)
–40°C
≤ TJ ≤ 125°C
6.7 Transient Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ΔVOUT
Dynamic line transient
VIN = VOUT(NOM) + 1 V to
±2
mV
VOUT(NOM) + 1 V + 0.6 V in 30 µs, no load
IOUT = 0 mA to 150 mA in 10 µs
-30
mV
IOUT = 150 mA to 0 mA in 10 µs
20
mV
ΔVOUT
Dynamic load transient
IOUT = 1 mA to 150 mA in 1 µs
-50
mV
IOUT = 150 mA to 1 mA in 1 µs
40
mV
ΔVOUT
Overshoot on start-up
Nominal conditions
10
mV
TON
Turnon time
IOUT = 1 mA
30
µs
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com