Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP5951
Description  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments LP5951 Datasheet HTML 10Page - Texas Instruments LP5951 Datasheet HTML 11Page - Texas Instruments LP5951 Datasheet HTML 12Page - Texas Instruments LP5951 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LP5951
www.ti.com
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
Feature Description (continued)
7.3.5 Thermal-Overload Protection
Thermal-Overload Protection limits the total power dissipation in the LP5951. When the junction temperature
exceeds TJ = 160°C typ., the shutdown logic is triggered and the PMOS is turned off, allowing the device to cool
down. After the junction temperature dropped by 20°C (temperature hysteresis), the PMOS is activated again.
This results in a pulsed output voltage during continuous thermal-overload conditions.
The Thermal-Overload Protection is designed to protect the LP5951 in the event of a fault condition. For normal,
continuous operation, do not exceed the absolute maximum junction temperature rating of TJ = 150°C (see
Absolute Maximum Ratings).
7.3.6 Reverse Current Path
The internal PFET pass device in LP5951 has an inherent parasitic body diode. During normal operation, the
input voltage is higher than the output voltage and the parasitic diode is reverse biased. However, if the output is
pulled above the input in an application, then current flows from the output to the input as the parasitic diode gets
forward biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to
50 mA.
For currents above this limit an external Schottky diode must be connected from VOUT to VIN (cathode on VIN,
anode on VOUT).
7.4 Device Functional Modes
7.4.1 Enable (EN)
The EN pin voltage must be higher than the VIH threshold to ensure that the device is fully enabled under all
operating conditions. The EN pin voltage must be lower than the VIL threshold to ensure that the device is fully
disabled. However if the application does not require the shutdown feature, the VEN pin can be tied to VIN to
keep the regulator output permanently on.
7.4.2 Minimum Operating Input Voltage (VIN)
The LP5951 internal circuitry is not fully functional until VIN is at least 1.8 V. The output voltage is not regulated
until VIN ≥ (VOUT + VDO), or 1.8 V, whichever is higher.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com