Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5951
Description  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5951 Datasheet HTML 4Page - Texas Instruments LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments LP5951 Datasheet HTML 10Page - Texas Instruments LP5951 Datasheet HTML 11Page - Texas Instruments LP5951 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Enable
Controller
Bias
Generator
Over
Current and
Thermal
Protection
LDO Core
and
Reference
IN
OUT
GND
EN
LP5951
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LP5951 regulator is designed to meet the requirements of portable battery-powered systems providing a
regulated output voltage and low quiescent current. When switched to shutdown mode via a logic signal at the
EN pin, the power consumption is reduced to virtually zero.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 No-Load Stability
The LP5951 will remain stable and in regulation with no external load. This is an important consideration in some
circuits, for example CMOS RAM keep-alive applications.
7.3.2 Enable Operation
The LP5951 may be switched ON or OFF by a logic input at the Enable pin, EN. A logic high at this pin will turn
the device on. When the EN pin is low, the regulator output is off and the device typically consumes 5 nA.
If the application does not require the enable switching feature, the EN pin should be tied to VIN to keep the
regulator output permanently on.
To ensure proper operation, the signal source used to drive the VEN input must be able to swing above and
below the specified turn-on/off voltage thresholds listed in the Enable Control Characteristics table, VIL and VIH.
7.3.3 Fast Turn Off And On
The controlled switch-off feature of the device provides a fast turn off by discharging the output capacitor via an
internal FET device. This discharge is current limited by the RDSon of this switch.
Fast turnon is ensured by an optimized architecture allowing a very fast ramp of the output voltage to reach the
target voltage.
7.3.4 Short-Circuit Protection
The LP5951 is short circuit protected and in the event of a peak over-current condition, the output current
through the PMOS will be limited.
If the over-current condition exists for a longer time, the average power dissipation will increase depending on
the input to output voltage difference until the thermal shutdown circuitry will turn off the PMOS.
Please refer to the Thermal Information section for power dissipation calculations.
8
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com