Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFM Datasheet(PDF) 58 Page - Eaton All Rights Reserved.

Part # EGC2016AFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 58 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 54Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 55Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 56Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 57Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 58Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 59Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 60Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 61Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 62Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
V9-T1-58
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Front and Right Side Operation, continued
Note
1 200 kA short-circuit rating.
Ampere Rating
(Frame)
(Fuse Class)
Number
of Poles
Switch
Body Only
Shaft Extensions
for External Handle
In (mm) (Choose One)
NFPA
79 Kit
Auxiliary
Contacts
(Choose One)
Auxiliary
Contacts
(Choose One)
Terminal
Shrouds
60 1
(K Frame) (J)
2
R9K2060FJ
7.90 (200.0)
Pistol
SF200PH10X10
12.60 (320.0)
Pistol
SF320PH10X10
15.70 (400.0)
Pistol
SF400PH10X10
19.70 (500.0)
Pistol
SF500PH10X10
NFPA79JKL
1 AC
NO
AC1NOR9
1 AC
NC
AC1NCR9
1 AC
NO + NC
AC1NO1NCJ2N
2 AC
NO + NC
AC2NO2NCJ2N
1 AC
NO + NC
w/ TEST
AC1NO1NCJ2NT
2 AC
NO + NC
w/ TEST
AC2NO2NCJ2NT
Integral to switch
3
R9K3060FJ
4
R9K4060FJ
100
(K Frame) (J)
2
R9K2100FJ
3
R9K3100FJ
4
R9K4100FJ
200
(L Frame) (J)
2
R9L2200FJ
TSR9L2
3
R9L3200FJ
TSR9L3
4
R9L4200FJ
TSR9L4
400
(M Frame) (J)
3
R9M3400FJ
TSR9M3
4
R9M4400FJ
TSR9M4
600
(N Frame) (J)
2
R9N2600FJ
7.90 (200.0)
Pistol
SF200PH12X12
12.60 (320.0)
Pistol
SF320PH12X12
15.70 (400.0)
Pistol
SF400PH12X12
19.70 (500.0)
Pistol
SF500PH12X12
NFPA79N
1 AC
NO + NC
AC1NO1NCJ2N
2 AC
NO + NC
AC2NO2NCJ2N
TSR9N2
3
R9N3600FJ
TSR9N3
4
R9N4600FJ
TSR9N4
800
(N Frame) (L)
2
R9N2800FL
TSR9N2
3
R9N3800FL
TSR9N3
4
R9N4800FL
TSR9N4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com