Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFM Datasheet(PDF) 23 Page - Eaton All Rights Reserved.

Part # EGC2016AFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 23 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 19Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 20Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 21Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 22Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 23Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 24Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 25Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 26Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 27Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-23
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
QUICKLAG Type QC Miniature Circuit Breakers—Cable-In/Cable-Out
1/2-Inch Wide Types QCGF, QCGFEP
Features
For Cable-In/Cable-Out Panel-Mount Applications
●
QUICKLAG ground fault circuit breakers, Class A GFCI:
●
Built and tested to UL 943
●
5 mA trip sensitivity
●
QUICKLAG ground fault equipment protectors:
●
Built and tested to UL 1053
●
30 mA trip sensitivity
●
All products UL and CSA listed
Catalog Number Selection
QUICKLAG Type QC Miniature Circuit Breakers—
Cable-In/Cable-Out Ground Fault and Equipment Protector Types QCGF, QCGFEP
Product Selection
Types QCGF and QCGFEP Thermal-Magnetic Breakers
Continuous Ampere
Rating at 40ºC
Single-Pole, 120/240 Vac
Catalog Number
Two-Pole, 120/240 Vac
Catalog Number
Ground Fault Circuit Breakers—5 mA Sensitivity
QUICKLAG Type: QCGF 10,000 Ampere I.C.
15
QCGF1015
QCGF2015
20
QCGF1020
QCGF2020
30
QCGF1030
QCGF2030
40
QCGF1040
QCGF2040
50
—
QCGF2050
Ground Fault Equipment Protectors—30 mA Sensitivity
QUICKLAG Type: QCGFEP 10,000 Ampere I.C.
15
QCGFEP1015
QCGFEP2015
20
QCGFEP1020
QCGFEP2020
30
QCGFEP1030
QCGFEP2030
40
QCGFEP1040
QCGFEP2040
50
—
QCGFEP2050
Breaker Type
QCGF = QC ground fault circuit protector
QCGFEP = QC ground fault equipment protector
Ampere Rating
015 = 15 amp
020 = 20 amp
025 = 25 amp
030 = 30 amp
040 = 40 amp
050 = 50 amp
QCGFEP 1 020
Number of Poles
1 = Single-pole
2 = Two-pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com