Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFM Datasheet(PDF) 14 Page - Eaton All Rights Reserved.

Part # EGC2016AFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 14 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 10Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 11Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 12Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 13Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 14Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 15Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 16Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 17Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 18Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
V9-T1-14
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Product Selection
Universal Molded Case Circuit Breakers
Three-Pole
Approximate Dimensions are in Inches
Universal G Frame
Universal F Frame
Universal J Frame
Universal K Frame
Universal L Frame
Note
1 Metric mounting hardware.
Description
Amperes
Catalog
Number 1
3 W x 4-7/8 H x 2-13/16 D (optional DIN rail kit available
catalog number GDIN, package of ten)
15
Gi3015
20
Gi3020
25
Gi3025
30
Gi3030
35
Gi3035
40
Gi3040
45
Gi3045
50
Gi3050
60
Gi3060
Description
Amperes
Catalog
Number 1
4-1/8 W x 6 H x 3-3/8 D
15
Fi3015L
20
Fi3020L
30
Fi3030L
35
Fi3035L
40
Fi3040L
50
Fi3050L
60
Fi3060L
70
Fi3070L
80
Fi3080L
90
Fi3090L
100
Fi3100L
125
Fi3125L
150
Fi3150L
175
Fi3175L
200
Fi3200L
225
Fi3225L
Voltage
Interrupting Rating
380–415
18/5K
480/277
14K
Voltage
Interrupting Rating
415
18/9K
480
20K
Description
Amperes
Catalog
Number 1
4-1/8 W x 10 H x 4-1/16 D
225
Ji3225L
250
Ji3250L
Description
Amperes
Catalog
Number 1
5-1/2 W x 10-1/8 H x 4-1/16 D
300
Ki3300L
350
Ki3350L
400
Ki3400L
Description
Amperes
Catalog
Number 1
8-1/4 W x 10-3/4 H x 4.37 D
500
Li3500
600
Li3600
Voltage
Interrupting Rating
415
25/13K
480
20K
Voltage
Interrupting Rating
415
25/13K
480
20K
Voltage
Interrupting Rating
415
25/13K
480
20K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com