Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFM Datasheet(PDF) 36 Page - Eaton All Rights Reserved.

Part # EGC2016AFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 36 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 32Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 33Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 34Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 35Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 36Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 37Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 38Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 39Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 40Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
V9-T1-36
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Magnum Low Voltage Power Breakers
Features
●
Rated up to 6300A with interrupting ratings up to 200 kAIC
and withstand ratings up to 100 kAIC
●
Magnum® DS is UL 1066 listed for one-half second short-time
withstand rating, and rated for 30 cycles. It is a switchgear
class product to meet UL 1558 switchgear standards
●
Magnum SB is a UL 1066 listed product with one-half second
short-time withstand rating at three cycles to meet
switchboard class product specifications, such as UL 891
●
Magnum DS MDDX is the highest interrupting performance in
a non-current limiting breaker construction rated up to
200 kAIC with 100 kAIC short-time withstand
●
The Magnum DS, Magnum SB and Magnum IEC lines all offer
the smallest double narrow 4000A frame available
Magnum Low Voltage Power Breakers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com