Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFM Datasheet(PDF) 10 Page - Eaton All Rights Reserved.

Part # EGC2016AFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 10 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 6Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 7Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 8Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 9Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 10Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 11Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 12Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 13Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 14Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
V9-T1-10
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Series G Motor Protector Breakers
Features
●
Eliminates need for separate overload relay
●
Can be used with contactor to eliminate need for overload
relay and still create manual motor control
●
Meets requirement for motor branch protection, including:
●
Disconnecting means
●
Branch circuit short-circuit protection
●
Overload protection
●
UL 489 listed, IEC 60947-02 rated
●
Phase unbalance, phase loss protection and high load alarm
●
Optional pre-detection trip relay
Product Selection
Series G Motor Protector Breakers
For pre-trip alarm option, order Style Number 5721B31G02.
JG Frame Motor Protector Circuit Breakers,
250A Maximum Rated Current
LG Frame Motor Protector Circuit Breakers,
630A Maximum Rated Current
Note
1 630A is not a UL listed rating. 600A is the maximum UL or CSA rating for LG breaker.
Continuous
Amperes
35 kAIC
Catalog Number
65 kAIC
Catalog Number
50
JGMPS050G
JGMPH050G
100
JGMPS100G
JGMPH100G
160
JGMPS160G
JGMPH160G
250
JGMPS250G
JGMPH250G
Continuous
Amperes
50 kAIC
Catalog Number
65 kAIC
Catalog Number
250
LGMPS250G
LGMPH250G
400
LGMPS400G
LGMPH400G
600
LGMPS600G
LGMPH600G
630 1
LGMPS630G
LGMPH630G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com