Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFM Datasheet(PDF) 47 Page - Eaton All Rights Reserved.

Part # EGC2016AFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 47 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 43Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 44Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 45Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 46Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 47Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 48Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 49Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 50Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 51Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-47
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Catalog Number Selection
Disconnects
External Handles
Shafts
Notes
1 HV at the end of some catalog numbers indicates use with H and V switches only. Not all handles are designed to go with all disconnects.
Consult specific section of the catalog for available options.
2 H at the end of some catalog numbers indicates use with H Frame switches only. Not all shafts are designed to go with all disconnects.
Consult specific section of the catalog for available options.
UL Listing
R5 = UL 508
R9 = UL 98
R4 = UL 489
R5 A 3 016 U
Frame Designation
A = UL 508 (16–40A)
B = UL 508 (60–80A)
C = UL 98 Non-fusible (30–100A modular)
V = UL 98 Non-fusible (60–100A visible blade)
D = UL 98 Non-fusible (100–200A)
E = UL 98 Non-fusible (400A)
F = UL 98 Non-fusible (600A)
G = UL 98 Non-fusible (800–1200A)
H = UL 489 Fusible (30A compact)
I = UL 98 Fusible (30A)
J = UL 98 Fusible (30–60A)
K = UL 98 Fusible (60–100A)
L = UL 98 Fusible (200A)
M = UL 98 Fusible (400A)
N = UL 98 Fusible (600–800A)
Phase
2 = Two-pole
3 = Three-pole
4 = Four-pole
Ampere Rating
016
=16A
025
=25A
030
=30A
040
=40A
060
=60A
080
=80A
100
= 100A
200
= 200A
400
= 400A
600
= 600A
800
= 800A
1000 = 1000A
1200 = 1200A
Protection
U = Non-fusible
F = Fusible
Fuse Type Accepted
CC = Class CC
J
= Class J
L
= Class L
Blank = Non-fusible device
SH B 00 4X F
Handle Type
SH = Selector handle
PH = Pistol handle
Color
B = Black/blue
R = Red/yellow
Size
(Smallest to Largest)
00 = Size 00
0 = Size 0
1 = Size 1
2 = Size 2
3 = Size 3
4 = Size 4
NEMA Type Rating
12 = Type 1, 3R, 12
4X = Type 4, 4X
Operation
F = Front
S = Right side
Blank = Front or right side
Additional Features 1
T = Test position function
Blank = No test function
Product Type
SF = Shaft
Length
55 =55 mm
90 =90 mm
150 =150 mm
200 =200 mm
320 =320 mm
400 =400 mm
500 =500 mm
Applicable
Handle Type
SH = Selector handle
PH = Pistol handle
Shaft Cross Section
5x5 = 5 mm x 5 mm
6x6 = 6 mm x 6 mm
10x10 = 10 mm x 10 mm
12x12 = 12 mm x 12 mm
15x12 = 15 mm x 12 mm
Additional Features 2
SF 150 SH 5X5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com