Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFM Datasheet(PDF) 51 Page - Eaton All Rights Reserved.

Part # EGC2016AFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 51 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 47Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 48Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 49Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 50Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 51Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 52Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 53Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 54Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 55Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-51
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Product Selection
R9 Series 30–100A
Ampere
Rating
(Frame)
Number
of Poles
Switch Body
Only
Direct
Handle
Front and
Right External
Handle SH00
(Choose One)
Front and
Right External
Handle SH0
(Choose One)
Shaft for SH0
and SH00
Handles—
In (mm)
(Choose One)
Switched
Fourth-Pole
Module
Unswitched
Neutral
Module
Auxiliary
Contacts
(Choose One)
Terminal Shrouds
(Choose One)
30
(C Frame)
3
R9C3030U
DHR9
SH00
Black
3R, 12
SHB00N12
SH00
Red
3R, 12
SHR00N12
SH00
Black
4, 4X
SHB00N4X
SH00
Red
4 4X
SHR00N4X
SH0
Black
3R, 12
SHB0N12
SH0
Red
3R, 12
SHR0N12
SH0
Black
4, 4X
SHB0N4X
SH0
Red
4 4X
SHR0N4X
2.20 (55.5)
SF55SH5X5
3.50 (90.0)
SF90SH5X5
5.91 (150.0)
SF150SH5X5
7.87 (200.0)
SF200SH5X5
12.60 (320.0)
SF320SH5X5
S4PR930
Neutral
UNMR9C
1NO + 1NC
AC1NONC
2NO
AC2N
1P
TS1R9
3P
TS3R9CV
60
(C Frame)
3
R9C3060U
S4PR960
100
(C Frame)
3
R9C3100U
S4PR9100
+
++
Switch body
Direct handle
Switch body
Shaft
External handle
+
+
+
Direct Operation
External Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com