Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFM Datasheet(PDF) 46 Page - Eaton All Rights Reserved.

Part # EGC2016AFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFM Datasheet(HTML) 46 Page - Eaton All Rights Reserved.

Back Button EGC2016AFM Datasheet HTML 42Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 43Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 44Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 45Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 46Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 47Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 48Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 49Page - Eaton All Rights Reserved. EGC2016AFM Datasheet HTML 50Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
V9-T1-46
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Open Rotary Disconnects
Product Overview
Rotary Disconnect Switch Selection Guide
Note
1 Q4 2010
Description
R5 Series
Non-Fusible 16–80A
R9 Series
Non-Fusible 30–100A Compact
R9 Series
Non-Fusible 100–1200A
Page V9-T1-48
Page V9-T1-50
Page V9-T1-52
Product Description
R5 Series (UL 508 listed) products are manually
operated modular switches. Load break switching
and isolation provide safety solutions for any low
voltage circuit, particularly for machine and control
circuits. The R5 Series products are manual motor
controllers suitable as motor disconnect.
The R9 Series (UL 98 listed) non-fusible 30–100A
compact range ensures making or breaking on
load and safety isolation for low voltage electrical
circuits, particularly for machine control circuits
up to 600V.
The R9 Series (UL 98 listed) non-fusible 100–1200A
are manually operated multipole load-break switches.
Quick-make, quick-break design provides safety
isolation for any low voltage circuit.
Approvals
UL 508 listed, Guide NLRV, File E165150
CSA C22.2 No.14, File 217736
IEC 60947-3, EN 60947-3
CCC
UL 98, File E222859
CSA 22.2 No. 4, File 217736
IEC 60947-3
EN 60947-3
UL 98, File E222859
CSA 22.2 No. 4, File 217736
IEC 60947-3
EN 60947-3
Description
R9 Series
Fusible 30–800A
R9 Series
DC Rated Disconnects
Manual Transfer Switches
Page V9-T1-54
Page V9-T1-59
Page V9-T1-60
Product Description
R9 Series (UL 98 listed) Fusible 30–800A manual
operated multi-pole fusible disconnect switches
use double break contacts per pole that ensure
complete isolation of the fuse when the switch
is in the OFF position.
When installed with fuses, they provide protection
for low voltage electrical installations against short
circuit and overload.
UL listed disconnect switches 600 Vdc for
photovoltaic applications 100 to 400A
R9 Series (UL 98 listed) DC rated disconnects are
manually operated multi-pole load break switches.
They provide safety isolation for any low voltage
circuit in a photovoltaic application.
R9 Series (UL 98 listed) non-fusible disconnects are
heavy-duty manual transfer switches, they transfer
load manually between two low voltage circuits and
provide safety disconnection.
These switches are extremely durable and are tested
and approved for use in the most demanding
applications as resistive load or total system
applications.
Approvals
UL 98, File E222859 for 30 to 800A ratings
UL 489, File E305341 for H Frame switches
CSA 22.2 No. 4, File 217736
CSA 22.2 No. 5, File 217736, H Frame only
IEC 60947-1, EN 60947-1
IEC 60947-3, EN 60947-3
CE mark
NFPA® 79
UL 98, cULus®, File E222859
CSA 22.2 No. 4, File 217736 1
IEC 60947-3
EN 60947-3
IEC 60-364-7-712 (Rules for the installations and
sites special—photovoltaic applications)
UL 98, cULus, File E222859
UL 1008 (2011)
CSA 22.2 No. 4, File 217736
IEC 60947-3
EN 60947-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com