Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 2 Page - Texas Instruments

  TMP20 Datasheet HTML 1Page - Texas Instruments TMP20 Datasheet HTML 2Page - Texas Instruments TMP20 Datasheet HTML 3Page - Texas Instruments TMP20 Datasheet HTML 4Page - Texas Instruments TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
TMP20
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
8.2
Typical Application .................................................. 12
9
Power Supply Recommendations ...................... 13
10
Layout................................................................... 13
10.1
Layout Guidelines ................................................. 13
10.2
Layout Example .................................................... 13
11
Device and Documentation Support ................. 14
11.1
Device Support .................................................... 14
11.2
Receiving Notification of Documentation Updates 16
11.3
Community Resources.......................................... 16
11.4
Trademarks ........................................................... 16
11.5
Electrostatic Discharge Caution ............................ 16
11.6
Glossary ................................................................ 16
12
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2017) to Revision B
Page
•
Changed the y-axis unit of Device Quiescent Current Over Temperature graph from: mA to: µA ........................................ 1
•
Changed the y-axis unit of Device Quiescent Current vs Temperature graph from: mA to: µA ............................................ 6
•
Changed the y-axis unit of Device Quiescent Current vs Temperature graph from: mA to: µA .......................................... 12
•
Added Receiving Notification of Documentation Updates section ....................................................................................... 16
Changes from Original (December 2009) to Revision A
Page
•
Updated data sheet formatting and content to latest TIS documentation and translation standards ................................... 1
•
Added body size information to Device Information section ................................................................................................. 1
•
Updated Device Block Diagram.............................................................................................................................................. 1
•
Updated Device Quiescent Current Over Temperature ......................................................................................................... 1
•
Reformatted Absolute Maximum Ratings table ..................................................................................................................... 4
•
Changed Thermal Information table and added thermal information .................................................................................... 4
•
Changed minimum temperature sensitivity value from –11.4 mV/°C to –12.2 mV/°C in Electrical Characteristics table ...... 5
•
Changed maximum temperature sensitivity value from –12.2 mV/°C to –11.4 mV/°C in Electrical Characteristics table ..... 5
•
Updated Figure 1 ................................................................................................................................................................... 6
•
Updated Figure 3 ................................................................................................................................................................... 6
•
Updated Figure 7 .................................................................................................................................................................... 6
•
Added Functional Block diagram, key graphics on front page, typical application schematic, application curves, and
updated layout images .......................................................................................................................................................... 8
•
Reformatted equations in Transfer Function section ............................................................................................................. 9
•
Corrected Equation 2 in Transfer Function section ............................................................................................................... 9
•
Added copyright notices to Figure 15 and Figure 16 ........................................................................................................... 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com