Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 5 Page - Texas Instruments

  TMP20 Datasheet HTML 1Page - Texas Instruments TMP20 Datasheet HTML 2Page - Texas Instruments TMP20 Datasheet HTML 3Page - Texas Instruments TMP20 Datasheet HTML 4Page - Texas Instruments TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TMP20
www.ti.com
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
(1)
100% production tested at TA = 25°C. Specifications over temperature range are assured by design.
(2)
Power-supply rejection is encompassed in the accuracy specification.
(3)
Temperature sensitivity is the average slope to the equation VO = (–11.77 × T) + 1.860 V.
(4)
VOUT is calculated from temperature with the following equation:
VO = (–3.88 × 10
–6 × T2) + (–1.15 × 10–2 × T) + 1.8639 V,
where T is in °C.
(5)
Nonlinearity is the deviation of the calculated output voltage from the best fit straight line.
(6)
The TMP20 transfer function requires the output voltage to rise above the 1.8-V supply as the temperature decreases below 15°C.
When operating at a 1.8-V supply, it is normal for the TMP20 output to approach 1.8 V and remain at that voltage as the temperature
continues to decrease below 15°C. This condition does not damage the device. Once the temperature rises above 15°C, the output
voltage resumes changing as the temperature changes, according to the transfer function specified in this document. For more
information about the transfer function, see Transfer Function .
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT (1)
Accuracy (2)
TA = –55°C to 130°C
–2.5
2.5
°C
vs supply
V+ = 1.8 V to 5.5 V
TA = 15°C to 130°C
–0.05
0.05
°C/V
V+ = 2.7 V to 5.5 V
TA = –50°C to 130°C
–0.05
0.05
°C/V
Temperature sensitivity (3)
TA = –30°C to 100°C
–12.2
–11.77
–11.4
mV/°C
Output voltage (4)
TA = 0°C
1863.9
mV
TA = 25°C
1574
Nonlinearity (5)
–20°C
≤ TA ≤ 80°C
±0.4%
ANALOG OUTPUT
Output resistance
–600 µA
≤ ILOAD ≤ 600 μA
10
Ω
Load regulation
–600 µA
≤ ILOAD ≤ 600 μA
6
mV
Maximum capacitive load
1
nF
POWER SUPPLY
VS
Specified voltage
TA = –55°C to 130°C
2.7
5.5
V
TA = 15°C to 130°C
(6)
1.8
5.5
IQ
Quiescent current
V+ = 5.5 V
TA = 25°C
2.6
4
µA
Over temperature
V+ = 5.5 V
TA = –55°C to 130°C
6
µA
ISD
Shutdown current
V+ < 0.5 V
20
nA
TEMPERATURE RANGE
Specified operating
TA = –55°C to 130°C
–55
130
°C
TA = 15°C to 130°C
(6)
15
130
°C
Operating range
V+ = 2.7 V to 5.5 V
–55
150
°C
θJA
Thermal resistance
SC70
185
°C/W
SOT-563
238
°C/W
Self-heating
SC70
0.01
°C
SOT-563
0.01
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com