Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments TMP20 Datasheet HTML 10Page - Texas Instruments TMP20 Datasheet HTML 11Page - Texas Instruments TMP20 Datasheet HTML 12Page - Texas Instruments TMP20 Datasheet HTML 13Page - Texas Instruments TMP20 Datasheet HTML 14Page - Texas Instruments TMP20 Datasheet HTML 15Page - Texas Instruments TMP20 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
-75
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
6
5
4
3
2
1
0
VS = 5.5 V
TMP20
V+
GND
VOUT
MSP430
ADC
CBP
CF
V+ (1.8 V to 5.5 V)
Copyright © 2017, Texas Instruments Incorporated
12
TMP20
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
8.2 Typical Application
Figure 12. Suggested Connections to a MCU ADC
8.2.1 Design Requirements
ADCs that are found in microcontrollers (such as the MSP430 line of microcontrollers) take charge during the
sampling phase. A high sampling frequency results in too much charge pulled into the ADC and sags the output
voltage of the TMP20, which results in a reading that is hotter than normal. To mitigate this, place a capacitor
(CF) between the TMP20 and the ADC. The capacitor functions as a charge reservoir.
8.2.2 Detailed Design Procedure
The size of CF depends on the size of the internal sampling capacitor and the sampling frequency. The charge
requirements may vary because not all ADCs have identical input stages. This general ADC application is shown
as an example only.
8.2.3 Application Curves
Figure 13 shows the quiescent current versus temperature.
Figure 13. Quiescent Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com